Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CC1150-RTR1 Datasheet(PDF) 9 Page - Texas Instruments

Part # CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTR1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC1150-RTR1 Datasheet HTML 5Page - Texas Instruments CC1150-RTR1 Datasheet HTML 6Page - Texas Instruments CC1150-RTR1 Datasheet HTML 7Page - Texas Instruments CC1150-RTR1 Datasheet HTML 8Page - Texas Instruments CC1150-RTR1 Datasheet HTML 9Page - Texas Instruments CC1150-RTR1 Datasheet HTML 10Page - Texas Instruments CC1150-RTR1 Datasheet HTML 11Page - Texas Instruments CC1150-RTR1 Datasheet HTML 12Page - Texas Instruments CC1150-RTR1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
CC1150
www.ti.com
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
Frequency Synthesizer Characteristics (continued)
Tc = 25°C, VDD = 3.0 V if nothing else is stated. All measurement results obtained using the CC1150EM reference design
(see [1] and [2]).
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
@ 200 kHz offset from carrier,
RF carrier phase noise
–90
dBc/Hz
carrier at 868 MHz
@ 500 kHz offset from carrier,
RF carrier phase noise
–98
dBc/Hz
carrier at 868 MHz
@ 1 MHz offset from carrier,
RF carrier phase noise
–106
dBc/Hz
carrier at 868 MHz
@ 2 MHz offset from carrier,
RF carrier phase noise
–113
dBc/Hz
carrier at 868 MHz
@ 5 MHz offset from carrier,
RF carrier phase noise
–119
dBc/Hz
carrier at 868 MHz
@ 10 MHz offset from carrier,
RF carrier phase noise
–127
dBc/Hz
carrier at 868 MHz
Time from leaving the IDLE state until
arriving in the FSTXON or TX state, when
PLL turn-on / hop time
85.1
88.4
88.4
µs
not performing calibration.
Crystal oscillator running.
Calibration can be initiated manually or
XOSC
18739
automatically before entering or after leaving
cycles
TX.
PLL calibration time
Min/typ/max time is for 27/26/26 MHz crystal
694
721
721
µs
frequency.
4.9
Analog Temperature Sensor
(1)
Tc = 25°C, VDD = 3.0 V if nothing else is stated.
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
Output voltage at –40°C
0.651
V
Output voltage at 0°C
0.747
V
Output voltage at +40°C
0.847
V
Output voltage at +80°C
0.945
V
Temperature coefficient
2.45
mV/°C
Fitted from –20°C to +80°C
From –20°C to +80°C
when using
Absolute error in calculated temperature
–2(2)
2(2)
°C
2.45 mV / °C, after 1-point
calibration at room
temperature
Current consumption increase when
0.3
mA
enabled
(1)
It is necessary to write 0xBF to the PTEST register to use the analog temperature sensor in the IDLE state.
(2)
Indicated minimum and maximum error with 1-point calibration is based on simulated values for typical process parameters
4.10 DC Characteristics
Tc = 25°C if nothing else stated.
DIGITAL INPUTS/OUTPUTS
MIN
MAX
UNIT
CONDITION
Logic "0" input voltage
0
0.7
V
Logic "1" input voltage
VDD – 0.7
VDD
V
Logic "0" output voltage
0
0.5
V
For up to 4 mA output current
Logic "1" output voltage
VDD – 0.3
VDD
V
For up to 4 mA output current
Logic "0" input current
N/A
–1
µA
Input equals 0 V
Logic "1" input current
N/A
1
µA
Input equals VDD
Copyright © 2006–2015, Texas Instruments Incorporated
Specifications
9
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com