Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T120F Datasheet(PDF) 2 Page - NEC

Part # T120F
Description  The powerful departmental server
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

T120F Datasheet(HTML) 2 Page - NEC

  T120F Datasheet HTML 1Page - NEC T120F Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Corporate Headquater (Japan)
NEC Corporation
www.nec.com
North America (USA, Canada)
NEC Corporation of America
www.necam.com
EMEA (Europe, Middle East, Africa)
NEC Enterprise Solutions
www.nec-enterprise.com
APAC (South Asia,South East Asia,Oceania)
NEC Asia Pacific Pte Ltd
sg.nec.com
© 2015 NEC Corporation. All rights reserved. NEC, NEC logo are trademarks or registered trademarks of NEC Corporation that may be registered in Japan
and other jurisdictions. All trademarks identified with ® or ™ are registered trademarks or trademarks respectively. The information and specifications
contained in this publication are subject to change without prior notice. NEC shall not be responsible for technical or editorial errors. Models may vary for
each country. Please refer to your local NEC representatives for further details.
For further information please contact your local NEC representative or:
MODEL
NEC Express5800/T120f
Form factor / height
Tower / 5U Rack
Number of processors
1 to 2
Processors
Intel® Xeon® Processor E5-2603 v3 (1.60 GHz/6-core/15 MB)
Intel® Xeon® Processor E5-2609 v3 (1.90 GHz/6-core/15 MB)
Intel® Xeon® Processor E5-2620 v3 (2.40 GHz/6-core/15 MB)
Intel® Xeon® Processor E5-2630 v3 (2.40 GHz/8-core/20 MB)
Intel® Xeon® Processor E5-2650 v3 (2.30 GHz/10-core/25 MB)
Intel® Xeon® Processor E5-2680 v3 (2.50 GHz/12-core/30 MB)
Memory type
DDR4-2133 ECC RDIMM
DDR4-2133 ECC LRDIMM
Memory slots
16
Maximum memory
512 GB
Storage type
Hot plug 2.5-inch SAS HDD
Hot plug 2.5-inch SATA HDD
Hot plug 2.5-inch SAS SSD
Hot plug 2.5-inch SATA SSD
Hot plug 3.5-inch SATA HDD
Maximum internal drive bays
8 to 24 2.5-inch with optional drive cage
4 to 8 3.5-inch with optional drive cage
Maximum internal storage
48 TB
Removable media
1 bay for optical drive
2 bay for internal 5-inch tape drive
Expansion slots
2 PCIe x16 Gen 3
2 PCIe x8 Gen 3
1 PCIe x4 Gen 2
Video (VRAM)
Integrated in the server management controller (32 MB)
Network
2 1000BASE-T plus 1 1000BASE-T for management
Redundant power supply
Optional, hot plug
Redundant cooling fan
Optional, hot plug
Power supplies
Hot plug power supply 460 Watt, 800 Watt
Non-hot plug power supply 700 Watt
Systems management
EXPRESSSCOPE Engine 3
Interface
1 VGA, 1 to 2 serial, 4 USB 3.0 (plus 1 internal), 2 USB 2.0, 2 LAN, 1 management LAN
Dimensions (W x D x H) and
maximum weight
200.0 x 599.0 x 438.0 mm / 7.8 x 23.5 x 17.2 in
31 kg / 68.34 lbs.
Temperature and humidity conditions
(non-condensing)
Operating: 10 to 40° C / 50 to 104° F, 20 to 80%
Non-operating: -10 to 55° C / 14 to 131° F, 20 to 80%
Operating systems and
virtualization software
Microsoft® Windows Server® 2008 (x86) Standard / Enterprise
Microsoft® Windows Server® 2008 R2 Standard / Enterprise
Microsoft® Windows Server® 2012 Standard / Datacenter
Microsoft® Windows Server® 2012 R2 Standard / Datacenter
Red Hat® Enterprise Linux® 6
VMware® ESXi™ 5
VMware® ESXi™ 6
HARDWARE SPECIFICATIONS
NEC Express5800/T120f
Note: For Linux support, visit the NEC website at http://www.nec.com/en/global/prod/express/linux/, or contact our sales representative
Cat. No. E02-15040004E | T120f- April 2015



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com