Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9659 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9659
Description  Octal squib driver ASIC for safety application
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9659 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9659 Datasheet HTML 33Page - STMicroelectronics L9659 Datasheet HTML 34Page - STMicroelectronics L9659 Datasheet HTML 35Page - STMicroelectronics L9659 Datasheet HTML 36Page - STMicroelectronics L9659 Datasheet HTML 37Page - STMicroelectronics L9659 Datasheet HTML 38Page - STMicroelectronics L9659 Datasheet HTML 39Page - STMicroelectronics L9659 Datasheet HTML 40Page - STMicroelectronics L9659 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
L9659
Functional description
Doc ID 022048 Rev 2
37/51
The Deploy Status becomes ‘1’ when there is a valid fire sequence. Once active it will
become ‘0’ when the time out has expired waiting FEN activation or when squib driver has
turned off for fire completion. The same information is available when receiving a response
from Monitor Mode 1.
For the drivers to be fire capable the command mode 1 (Arming) must be sent followed by
command mode 2 (Firing). With this sequence valid and FEN active then firing will begin. A
break in the sequence will require the process to be restarted. All other bit patterns for D12-
D8 wil be ignored and the L9659 will respond with $D005.
To begin a deployment 2 consecutive commands need to be sent along with the FEN active
(external or internal latch). An example of a firing sequence for channel 0 would be as
follows
FENx active or inactive
TX – 0x5901 – ARM Channel 0
RX – Based on previous command
TX – 0x5901 – ARM Channel 0
RX – 0x5901
TX – 0x5901 – ARM Channel 0
RX – 0x5901
TX – 0x6001 – Firing on Channel 0 is started on if FEN is active
RX – 0x5901
TX – 0x6001 – Command ignored – sequence is not allowed
RX – 0x6001
TX – 0x6001 – Command ignored
RX – 0xD005
Alternatively, if the sequence is broken the response will be as in the following example
FENx active
TX – 0x5901 – ARM Channel 0
RX – Based on previous command
TX – 0x2000 – Read of Register Mode 1
RX – 0x5901
TX – 0x6001 – Command ignored – sequence is not allowed
RX – contents of register
D2
0
Channel 2 Idle (default)
Internal Deploy Status
1
Deploy Channel 2
D1
0
Channel 1 Idle (default)
Internal Deploy Status
1
Deploy Channel 1
D0
0
Channel 0 Idle (default)
Internal Deploy Status
1
Deploy Channel 0
Table 19.
Deployment mode 2 bit definition
Bit
MOSI command
MISO response
State
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com