Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STBC02BJR Datasheet(PDF) 10 Page - STMicroelectronics

Part # STBC02BJR
Description  Li-Ion linear battery charger with LDO, load switches and reset generator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC02BJR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STBC02BJR Datasheet HTML 6Page - STMicroelectronics STBC02BJR Datasheet HTML 7Page - STMicroelectronics STBC02BJR Datasheet HTML 8Page - STMicroelectronics STBC02BJR Datasheet HTML 9Page - STMicroelectronics STBC02BJR Datasheet HTML 10Page - STMicroelectronics STBC02BJR Datasheet HTML 11Page - STMicroelectronics STBC02BJR Datasheet HTML 12Page - STMicroelectronics STBC02BJR Datasheet HTML 13Page - STMicroelectronics STBC02BJR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Maximum ratings
STBC02
10/39
DocID029261 Rev 2
3
Maximum ratings
Table 3: Absolute maximum ratings
Symbol
Parameter
Test conditions
Value
Unit
VIN
Input supply voltage pin
DC voltage
-0.3 to +16.0
V
VLDO
LDO output pin voltage
DC voltage
-0.3 to +4.0
V
VSYS
SYS pin voltage
DC voltage
-0.3 to +6.5
V
VSW
Switch pin voltage (SW1_I, SW2_I,
SW1_OA,SW1_OB, SW2_OA,
SW2_OB)
DC voltage
-0.3 to +6.5
V
VCHG
CHG pin voltage
DC voltage
-0.3 to +6.5
V
VWake-up
WAKE-UP pin voltage
DC voltage
-0.3 to +4.6
V
VLGC
Voltage on logic pins (CEN,
SW_SEL, RESET_NOW,
nRESET, RST_PENDING)
DC voltage
-0.3 to +4.0
V
VISET, VIPRE
Voltage on ISET, IPRE pins
DC voltage
-0.3 to +2
V
VNTC
Voltage on NTC pin
DC voltage
-0.3 to VLDO
V
VBAT, VBATSNS,
VBATSNSFV
Voltage on BAT, BATSNS and
BATSNSFV pins
DC voltage
-0.3 to +5.5
V
VBATMS
Voltage on BATMS pin
DC voltage
-0.3 to VBAT+0.3
V
ESD
Human body model (IN, SYS,
WAKE-UP, LDO, BAT, BATSNS,
BATSNSFV)
JS-001-2012 vs.
AGND PGND and
GND
±4000
V
Human body model (all the others)
JS-001-2012
±2000
V
TAMB
Operating ambient temperature
-40 to +85
°C
TJ
Maximum junction temperature
+125
°C
TSTG
Storage temperature
-65 to +150
°C
Absolute maximum ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied.
Table 4: Thermal data
Symbol
Parameter
Flip Chip 30 (2.25x2.59 mm)
Unit
RTHJB(1)
Junction-to-pcb board thermal resistance
50
°C/W
Notes:
(1) Standard FR4 pcb board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com