Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STL9P3LLH6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL9P3LLH6
Description  P-channel -30 V, 12 mΩ typ., -9 A STripFET™ H6 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL9P3LLH6 Datasheet(HTML) 1 Page - STMicroelectronics

  STL9P3LLH6 Datasheet HTML 1Page - STMicroelectronics STL9P3LLH6 Datasheet HTML 2Page - STMicroelectronics STL9P3LLH6 Datasheet HTML 3Page - STMicroelectronics STL9P3LLH6 Datasheet HTML 4Page - STMicroelectronics STL9P3LLH6 Datasheet HTML 5Page - STMicroelectronics STL9P3LLH6 Datasheet HTML 6Page - STMicroelectronics STL9P3LLH6 Datasheet HTML 7Page - STMicroelectronics STL9P3LLH6 Datasheet HTML 8Page - STMicroelectronics STL9P3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
March 2016
DocID025823 Rev 2
1/14
This is information on a product in full production.
www.st.com
STL9P3LLH6
P-channel -
30 V, 12 mΩ typ., -9 A STripFET™ H6
Power MOSFET in a PowerFLAT™ 3.3x3.3 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max
ID
STL9P3LLH6
-30 V
15 mΩ
-9 A
Very low on-resistance
Very low gate charge
High avalanche ruggedness
Low gate drive power loss
Applications
Switching applications
Description
This device is a P-channel Power MOSFET
developed using the STripFET™ H6 technology
with a new trench gate structure. The resulting
Power MOSFET exhibits very low RDS(on) in all
packages.
Table 1: Device summary
Order code
Marking
Package
Packing
STL9P3LLH6
9P3L
PowerFLAT™ 3.3x3.3
Tape and reel
1
2
3
4
PowerFLA
T™ 3.3x3.3


Similar Part No. - STL9P3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL9P2UH7 STMICROELECTRONICS-STL9P2UH7 Datasheet
513Kb / 14P
P-channel 20 V, 0.0195 Ω typ., 9 A STripFET™ H7 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
21-Oct-2014
STL9P4LF6AG STMICROELECTRONICS-STL9P4LF6AG Datasheet
419Kb / 12P
Automotive P-channel enhancement mode Power MOSFET STripFET F6 -40 V, -8 A in a PowerFLAT 3.3x3.3 package
28-Apr-2021
More results

Similar Description - STL9P3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL10N3LLH5 STMICROELECTRONICS-STL10N3LLH5 Datasheet
705Kb / 14P
N-channel 30 V, 0.015, 9 A, PowerFLAT 3.3x3.3 STripFET V Power MOSFET
09-Aug-2011
STD40P3LLH6 STMICROELECTRONICS-STD40P3LLH6 Datasheet
734Kb / 16P
P-channel -30 V, 12 mΩ typ., -40 A STripFET™H6 Power MOSFET in a DPAK package
30-Mar-2016
STL9P2UH7 STMICROELECTRONICS-STL9P2UH7 Datasheet
513Kb / 14P
P-channel 20 V, 0.0195 Ω typ., 9 A STripFET™ H7 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
21-Oct-2014
STL45P3LLH6 STMICROELECTRONICS-STL45P3LLH6 Datasheet
841Kb / 15P
P-channel -30 V, 11 mΩ typ., -45 A STripFET™ H6 Power MOSFET in a PowerFLAT™ 5x6 package
April 2016 Rev 1
STL62P3LLH6 STMICROELECTRONICS-STL62P3LLH6 Datasheet
1Mb / 16P
P-channel -30 V, 9 mΩ typ., -62 A STripFET™ H6 Power MOSFET in a PowerFLAT 5x6 package
October 2016 Rev 6
STD95P3LLH6AG STMICROELECTRONICS-STD95P3LLH6AG Datasheet
731Kb / 16P
Automotive-grade P-channel -30 V, 5 mΩ typ., -80 A STripFET™ H6 Power MOSFET in a DPAK package
26-Jul-2016
STL12N10F7 STMICROELECTRONICS-STL12N10F7 Datasheet
587Kb / 13P
N-channel 100 V, 11.3 mΩ typ., 12 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
14-Jun-2018
STL200N45LF7 STMICROELECTRONICS-STL200N45LF7 Datasheet
892Kb / 14P
N-channel 45 V, 1.4 mΩ typ., 120 A STripFET ™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
10-Jun-2016
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
12-Nov-2015
STS5DP3LLH6 STMICROELECTRONICS-STS5DP3LLH6 Datasheet
711Kb / 14P
Dual P-channel -30 V, 48 mΩ typ., -5 A, STripFET™ H6 Power MOSFET in an SO-8 package
17-Jan-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com