Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STL19N60DM2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL19N60DM2
Description  Fast-recovery body diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL19N60DM2 Datasheet(HTML) 1 Page - STMicroelectronics

  STL19N60DM2 Datasheet HTML 1Page - STMicroelectronics STL19N60DM2 Datasheet HTML 2Page - STMicroelectronics STL19N60DM2 Datasheet HTML 3Page - STMicroelectronics STL19N60DM2 Datasheet HTML 4Page - STMicroelectronics STL19N60DM2 Datasheet HTML 5Page - STMicroelectronics STL19N60DM2 Datasheet HTML 6Page - STMicroelectronics STL19N60DM2 Datasheet HTML 7Page - STMicroelectronics STL19N60DM2 Datasheet HTML 8Page - STMicroelectronics STL19N60DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
August 2014
DocID026785 Rev 1
1/13
STL19N60DM2
N-channel 600 V, 0.280
Ω typ., 11 A MDmesh™ DM2 with fast diode
Power MOSFET in a PowerFLAT™ 8x8 HV package
Datasheet
- preliminary data
Figure 1. Internal schematic diagram
Features
• Fast-recovery body diode
• Extremely low gate charge and input
capacitance
• Low on-resistance RDS(on)
• 100% avalanche tested
• Extremely high dv/dt ruggedness
• Zener-protected
Applications
• Switching applications
Description
This high voltage N-channel Power MOSFET is
part of the MDmesh DM2 fast recovery diode
series. It offers very low recovery charge and time
(Qrr, trr) combined with low RDS(on), rendering it
suitable for the most demanding high efficiency
converters and ideal for bridge topologies and
ZVS phase-shift converters.
D(3)
G(1)
S(2)
AM01476v6
Order code
VDS @ TJmax RDS(on)max
ID
STL19N60DM2
650 V
0.320
Ω
11 A
Table 1. Device summary
Order code
Marking
Package
Packaging
STL19N60DM2
19N60DM2
PowerFLAT™ 8x8 HV
Tape and reel
www.st.com


Similar Part No. - STL19N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL19N60M2 STMICROELECTRONICS-STL19N60M2 Datasheet
770Kb / 15P
Extremely low gate charge
27-Jan-2016
STL19N60M6 STMICROELECTRONICS-STL19N60M6 Datasheet
575Kb / 14P
N-channel 600 V, 255 m typ., 11 A MDmesh M6 Power MOSFET in a PowerFLAT 8x8 HV package
13-Dec-2019
More results

Similar Description - STL19N60DM2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA07N60CFD INFINEON-SPA07N60CFD Datasheet
348Kb / 12P
CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.0 2007-01-26
SPP07N60CFD INFINEON-SPP07N60CFD Datasheet
340Kb / 12P
CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.4 2009-11-27
SPP15N60CFD INFINEON-SPP15N60CFD Datasheet
340Kb / 12P
CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.2 2007-08-28
SPI15N60CFD INFINEON-SPI15N60CFD Datasheet
333Kb / 12P
CoolMOSTM Power Transistor Intrinsic fast-recovery body diode
Rev. 1.0 2007-01-29
SPW15N60CFD INFINEON-SPW15N60CFD Datasheet
700Kb / 14P
Intrinsic fast-recovery body diode
2008-02-11 revision:1.2
logo
STMicroelectronics
STB18N60DM2 STMICROELECTRONICS-STB18N60DM2 Datasheet
897Kb / 15P
Fast-recovery body diode
28-Jan-2016
STB45N60DM2AG STMICROELECTRONICS-STB45N60DM2AG Datasheet
546Kb / 15P
Fast-recovery body diode
02-Jul-2015
STD12N50DM2 STMICROELECTRONICS-STD12N50DM2 Datasheet
817Kb / 16P
Fast-recovery body diode
March 2016 Rev 2
STD13N60DM2 STMICROELECTRONICS-STD13N60DM2 Datasheet
839Kb / 16P
Fast-recovery body diode
07-Dec-2016
STF12N50DM2 STMICROELECTRONICS-STF12N50DM2 Datasheet
709Kb / 13P
Fast-recovery body diode
07-Mar-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com