Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STN1802 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STN1802
Description  HIGH CURRENT GAIN CHARACTERISTIC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN1802 Datasheet(HTML) 1 Page - STMicroelectronics

  STN1802 Datasheet HTML 1Page - STMicroelectronics STN1802 Datasheet HTML 2Page - STMicroelectronics STN1802 Datasheet HTML 3Page - STMicroelectronics STN1802 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STN1802
LOW VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTOR
PRELIMINARY DATA
s
VERY LOW COLLECTOR TO EMITTER
SATURATION VOLTAGE
s
HIGH CURRENT GAIN CHARACTERISTIC
s
FAST-SWITCHING SPEED
s
SURFACE-MOUNTING SOT-223 MEDIUM
POWER PACKAGE IN TAPE & REEL
APPLICATIONS:
s
CCFL DRIVERS
s
VOLTAGE REGULATORS
s
RELAY DRIVERS
s
HIGH EFFICIENCY LOW VOLTAGE
SWITCHING APPLICATIONS
DESCRIPTION
The device is manufactured in NPN Planar
Technology by using a "Base Island" layout.
The resulting Transistor shows exceptional high
gain
performance
coupled
with
very
low
saturation voltage.
®
INTERNAL SCHEMATIC DIAGRAM
March 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
80
V
VCEO
Collector-Emitter Voltage (IB = 0)
60
V
VEBO
Emitter-Base Voltage (IC = 0)
6
V
IC
Collector Current
3
A
ICM
Collector Peak Current (tp < 5 ms)
6
A
IB
Base Current
1
A
Ptot
Total Dissipation at Tamb = 25
oC
1.6
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
1
2
2
3
SOT-223
Ordering Code
Marking
STN1802
N1802
1/4


Similar Part No. - STN1802

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
STN1809 FAIRVIEW-STN1809 Datasheet
479Kb / 4P
STN1809 DATA SHEET RF Load 2 Watts To 18 GHz Passivated Stainless Steel N Male
REV 2.0
More results

Similar Description - STN1802

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH6318 SIEMENS-SFH6318 Datasheet
38Kb / 3P
LOW CURRENT, HIGH GAIN OPTOCOUPLER
logo
Inchange Semiconductor ...
2SC3841 ISC-2SC3841 Datasheet
223Kb / 5P
High Current-Gain Bandwidth Product
2SC4005 ISC-2SC4005 Datasheet
198Kb / 2P
High DC current gain.
2SD1606 ISC-2SD1606 Datasheet
137Kb / 2P
High DC Current Gain
logo
Unisonic Technologies
BD135G-XX-AA3-R UTC-BD135G-XX-AA3-R Datasheet
121Kb / 3P
high DC current gain
NP1510G-XX-AN6-R UTC-NP1510G-XX-AN6-R Datasheet
122Kb / 3P
High DC current gain
logo
STMicroelectronics
2ST1480FP STMICROELECTRONICS-2ST1480FP Datasheet
142Kb / 7P
High current gain characteristic
03-Dec-2009
logo
SHIKUES Electronics
BCP69 SKTECHNOLGY-BCP69 Datasheet
396Kb / 2P
High current, Three current gain selections
logo
Rectron Semiconductor
BCV47 RECTRON-BCV47 Datasheet
118Kb / 2P
High collector current High current gain Complementary
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com