Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STNRGPF01 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STNRGPF01
Description  Inrush current control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF01 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STNRGPF01 Datasheet HTML 31Page - STMicroelectronics STNRGPF01 Datasheet HTML 32Page - STMicroelectronics STNRGPF01 Datasheet HTML 33Page - STMicroelectronics STNRGPF01 Datasheet HTML 34Page - STMicroelectronics STNRGPF01 Datasheet HTML 35Page - STMicroelectronics STNRGPF01 Datasheet HTML 36Page - STMicroelectronics STNRGPF01 Datasheet HTML 37Page - STMicroelectronics STNRGPF01 Datasheet HTML 38Page - STMicroelectronics STNRGPF01 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
DocID030377 Rev 2
35/40
STNRGPF01
Thermal data
40
6
Thermal data
The STNRG functionality cannot be guaranteed when the device, in operation, exceeds the
maximum chip junction temperature (TJmax).
Equation 1
TJmax = TAmax + (PDmax x JA)
Where:
TAmax is the maximum ambient temperature in °C
JA is the package junction to ambient thermal resistance in °C/W
PDmax is the sum of PINTmax and PI/Omax (PDmax = PINTmax + PI/Omax)
PINTmax is the product of IDD and VDD, expressed in watts. This is the maximum chip internal
power.
PI/Omax represents the maximum power dissipation on output pins where:
PI/Omax = (VOL x IOL) +  [(VDD - VOH) x IOH],
taking into account the actual VOL/IOL and VOH/IOH of the I/Os at the low and high level.
Table 18. Package thermal characteristics
Symbol
Parameter
Value
Unit
JA
TSSOP38 - thermal resistance junction to ambient(1)
1. Thermal resistance is based on the JEDEC JESD51-2 with the 4-layer PCB in natural convection.
80
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com