Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STP16C596A Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP16C596A
Description  16-BIT CONSTANT CURRENT LED SINK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16C596A Datasheet(HTML) 2 Page - STMicroelectronics

  STP16C596A Datasheet HTML 1Page - STMicroelectronics STP16C596A Datasheet HTML 2Page - STMicroelectronics STP16C596A Datasheet HTML 3Page - STMicroelectronics STP16C596A Datasheet HTML 4Page - STMicroelectronics STP16C596A Datasheet HTML 5Page - STMicroelectronics STP16C596A Datasheet HTML 6Page - STMicroelectronics STP16C596A Datasheet HTML 7Page - STMicroelectronics STP16C596A Datasheet HTML 8Page - STMicroelectronics STP16C596A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
STP16C596A
2/18
Table 2: Current Accuracy
Figure 1: Pin Connection (Note 1)
Note 1: The exposed Pad is electrically not connected.
Table 3: Pin Description
Output Voltage
Current accuracy
Output Current
Between bits
Between ICs
≥ 0.7V
TYP. ± 3%
± 6%
15 to 120 mA
PIN N°
Symbol
Name and Function
1
GND
Ground Terminal
2
SDI
Serial data input terminal
3
CLK
Clock input terminal
4
/LE
Latch input terminal
5-20
OUT 0-15
Output terminal
21
/OE
Input terminal of output enable (active low)
22
SDO
Serial data out terminal
23
R-EXT
Input terminal of an external resistor for constant current programing
24
VDD
Supply voltage terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com