Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STP16DPP05 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP16DPP05
Description  Low voltage 16-bit constant current LED sink driver with output error detection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DPP05 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP16DPP05 Datasheet HTML 2Page - STMicroelectronics STP16DPP05 Datasheet HTML 3Page - STMicroelectronics STP16DPP05 Datasheet HTML 4Page - STMicroelectronics STP16DPP05 Datasheet HTML 5Page - STMicroelectronics STP16DPP05 Datasheet HTML 6Page - STMicroelectronics STP16DPP05 Datasheet HTML 7Page - STMicroelectronics STP16DPP05 Datasheet HTML 8Page - STMicroelectronics STP16DPP05 Datasheet HTML 9Page - STMicroelectronics STP16DPP05 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Electrical characteristics
STP16DPP05
6/34
DocID16518 Rev 4
3
Electrical characteristics
VDD = 3.3 V to 5 V, TA = 25 °C, unless otherwise specified.
Table 7: Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIH
Input voltage high level
0.7 VDD
VDD
V
VIL
Input voltage low level
GND
0.3 VDD
V
IOH
Output leakage current
VOH = 20 V
1
μA
VOL
Output voltage (serial-OUT)
IOL = 1 mA
0.4
V
VOH
Output voltage (serial-OUT)
IOH = -1 mA
VDD-0.4V
V
IOL1
Output current
VO = 0.3 V, Rext
= 4 kΩ
4.75
5
5.25
IOL2
VO = 0.3 V, Rext
= 1 kΩ
19
20
21
IOL3
VO = 1.3 V, Rext
= 497 Ω
38
40
42
mA
ΔIOL1
Output current error between
bit (all output ON)
VO = 0.3 V, IO = 5 mA
Rext
= 4 kΩ
± 1
± 5
ΔIOL2
VO = 0.3 V, IO = 20 mA
Rext
= 980 Ω
± 0.5
± 3
%
ΔIOL3
VO = 1.3 V, IO = 40 mA
Rext
= 490 Ω
± 0.5
± 3
RSIN(up)
Pull-up resistor
150
300
600
RSIN(down)
Pull-down resistor
100
200
400
IDD(OFF1)
Supply current (OFF)
Rext
= 1 kΩ, IOUT = 20 mA,
OUT 0 to 15 = OFF
5.4
7.5
mA
IDD(OFF2)
Rext
= 497 Ω, IOUT = 40 mA
OUT 0 to 15 = OFF
8
9.5
IDD(ON1)
Supply current (ON)
Rext
= 1 kΩ, IOUT = 20 mA,
OUT 0 to 15 = ON
5.5
7.5
IDD(ON2)
Rext
= 497 Ω, IOUT = 40 mA
OUT 0 to 15 = ON
8.1
9.5
Thermal
Thermal protection
170
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com