Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPSC40065C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC40065C
Description  Dedicated to PFC applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC40065C Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC40065C Datasheet HTML 1Page - STMicroelectronics STPSC40065C Datasheet HTML 2Page - STMicroelectronics STPSC40065C Datasheet HTML 3Page - STMicroelectronics STPSC40065C Datasheet HTML 4Page - STMicroelectronics STPSC40065C Datasheet HTML 5Page - STMicroelectronics STPSC40065C Datasheet HTML 6Page - STMicroelectronics STPSC40065C Datasheet HTML 7Page - STMicroelectronics STPSC40065C Datasheet HTML 8Page - STMicroelectronics STPSC40065C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
September 2016
DocID027965 Rev 3
1/9
This is information on a product in full production.
www.st.com
STPSC40065C
650 V power Schottky silicon carbide diode
Datasheet - production data
Features
No reverse recovery charge in application
current range
Switching behavior independent of
temperature
Dedicated to PFC applications
ECOPACK®2 compliant component
Description
The SiC diode is a high voltage power Schottky
diode. It is manufactured using a silicon carbide
substrate. The wide band gap material allows the
design of a Schottky diode structure with a 650 V
rating. Due to the Schottky construction, no
recovery is shown at turn-off and ringing patterns
are negligible. The minimal capacitive turn-off
behavior is independent of temperature.
Used as a freewheeling or output rectification
diode, this rectifier will enhance the performance
and form factor of the targeted power supply or
inverter.
Table 1: Device summary
Symbol
Value
IF(AV)
2 x 20 A
VRRM
650 V
Tj (max.)
175 °C
VF (typ.)
1.30 V
A1
K
A2
TO-247
A1
K
A2


Similar Part No. - STPSC40065C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC40065C-Y STMICROELECTRONICS-STPSC40065C-Y Datasheet
440Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
May 2016 Rev 2
logo
Inchange Semiconductor ...
STPSC40065CW ISC-STPSC40065CW Datasheet
307Kb / 3P
Silicon Carbide Schottky Diode
More results

Similar Description - STPSC40065C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT30J122A TOSHIBA-GT30J122A Datasheet
199Kb / 7P
Dedicated to Current-Resonant Inverter Switching Applications Dedicated to Partial-Switching Power Factor rrection (PFC) Applications
TPCL4203 TOSHIBA-TPCL4203 Datasheet
379Kb / 12P
Dedicated to Single-Cell Lithium-Ion Secondary Battery Applications
logo
STMicroelectronics
STPSC12H065-Y STMICROELECTRONICS-STPSC12H065-Y Datasheet
454Kb / 9P
Dedicated to PFC applications
24-Oct-2016
STPSC12065-Y STMICROELECTRONICS-STPSC12065-Y Datasheet
450Kb / 9P
Dedicated to PFC applications
10-May-2016
STPSC20H065C STMICROELECTRONICS-STPSC20H065C Datasheet
170Kb / 9P
Dedicated to PFC applications
07-Nov-2013
STPSC20H065C-Y STMICROELECTRONICS-STPSC20H065C-Y Datasheet
156Kb / 9P
Dedicated to PFC applications
19-Sep-2014
logo
Vishay Siliconix
PP22SA VISHAY-PP22SA Datasheet
336Kb / 3P
High Reliable Sensor Dedicated to Aeronautic Applications
25-Nov-16
PP27EA VISHAY-PP27EA Datasheet
105Kb / 3P
Redundant Sensor Dedicated to Aeronautic Applications
06-Oct-16
PP22SA VISHAY-PP22SA_V01 Datasheet
333Kb / 3P
High Reliable Sensor Dedicated to Aeronautic Applications
25-Nov-16
PP27EA VISHAY-PP27EA_V01 Datasheet
102Kb / 3P
Redundant Sensor Dedicated to Aeronautic Applications
06-Oct-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com