Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STSPIN32F0 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STSPIN32F0
Description  Three-phase gate drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STSPIN32F0 Datasheet HTML 25Page - STMicroelectronics STSPIN32F0 Datasheet HTML 26Page - STMicroelectronics STSPIN32F0 Datasheet HTML 27Page - STMicroelectronics STSPIN32F0 Datasheet HTML 28Page - STMicroelectronics STSPIN32F0 Datasheet HTML 29Page - STMicroelectronics STSPIN32F0 Datasheet HTML 30Page - STMicroelectronics STSPIN32F0 Datasheet HTML 31Page - STMicroelectronics STSPIN32F0 Datasheet HTML 32Page - STMicroelectronics STSPIN32F0 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
DocID029806 Rev 2
29/40
STSPIN32F0
Device description
40
6.8
Operational amplifiers
The device integrates four rail-to-rail operational amplifiers suitable for signal conditioning,
in particular for analog Hall-effect sensors decoding and current sensing.
The operational amplifiers provide a rail-to-rail output stage with fast recovery in the
saturation condition. The output stage saturation happens in linear applications when a high
amplitude input signal occurs and causes the output of the operational amplifier to move
outside its real capabilities.
Figure 14. Operational amplifiers
6.9
Comparator
A comparator is available to perform an overcurrent protection. The OC Comp pin can be
connected to the shunt resistor to monitor the load current, the internal OC threshold can be
set via MCU (PF6 and PF7 port, see Table 12).
When an OC event is triggered, the OC comparator output signals the OC event to the
PB12 input of the MCU (BKIN).
Depending on the status of the OC_SEL signal (see Table 11) the OC event is acting
directly on the control logic of the gate driver switching off all high-side gate outputs, and
consequently the external high-side power switches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com