Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STT3P2UH7 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STT3P2UH7
Description  Very low on-resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STT3P2UH7 Datasheet(HTML) 4 Page - STMicroelectronics

  STT3P2UH7 Datasheet HTML 1Page - STMicroelectronics STT3P2UH7 Datasheet HTML 2Page - STMicroelectronics STT3P2UH7 Datasheet HTML 3Page - STMicroelectronics STT3P2UH7 Datasheet HTML 4Page - STMicroelectronics STT3P2UH7 Datasheet HTML 5Page - STMicroelectronics STT3P2UH7 Datasheet HTML 6Page - STMicroelectronics STT3P2UH7 Datasheet HTML 7Page - STMicroelectronics STT3P2UH7 Datasheet HTML 8Page - STMicroelectronics STT3P2UH7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STT3P2UH7
4/13
DocID025027 Rev 3
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 4: On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
ID = 250 µA, VGS = 0
20
V
IDSS
Zero gate voltage
drain current
VDS = 20 V, VGS = 0
1
µA
IGSS
Gate-body leakage
current
VGS = ± 8 V, VDS = 0
10
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
0.4
1
V
RDS(on)
Static drain-source on-resistance
VGS = 4.5 V, ID = 1.5 A
0.087
0.1
Ω
VGS = 2.5 V, ID = 1.5 A
0.11
0.13
Ω
VGS = 1.8 V, ID = 1.5 A
0.145
0.18
Ω
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 10 V, f = 1 MHz,
VGS = 0
-
510
-
pF
Coss
Output capacitance
-
66
-
pF
Crss
Reverse transfer
capacitance
-
44
-
pF
Qg
Total gate charge
VDD = 10 V, ID = 3 A,
VGS = 4.5 V
(see Figure 14: "Gate charge test
circuit")
-
4.8
-
nC
Qgs
Gate-source charge
-
0.7
-
nC
Qgd
Gate-drain charge
-
0.8
-
nC
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
td(on)
Turn-on delay time
VDD = 10 V, ID = 1.5 A,
RG
= 4.7 Ω, VGS = 4.5 V
(see Figure 15: "Test circuit for
inductive load switching and
diode recovery times")
-
9
-
ns
tr
Rise time
-
21
-
ns
td(off)
Turn-off delay time
-
40
-
ns
tf
Fall time
-
19
-
ns
For the P-channel Power MOSFET, current and voltage polarities are reversed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com