Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STTH30W03C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH30W03C
Description  Low reverse recovery current
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30W03C Datasheet(HTML) 1 Page - STMicroelectronics

  STTH30W03C Datasheet HTML 1Page - STMicroelectronics STTH30W03C Datasheet HTML 2Page - STMicroelectronics STTH30W03C Datasheet HTML 3Page - STMicroelectronics STTH30W03C Datasheet HTML 4Page - STMicroelectronics STTH30W03C Datasheet HTML 5Page - STMicroelectronics STTH30W03C Datasheet HTML 6Page - STMicroelectronics STTH30W03C Datasheet HTML 7Page - STMicroelectronics STTH30W03C Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is information on a product in full production.
May 2012
Doc ID 023116 Rev 1
1/8
8
STTH30W03C
Turbo 2 ultrafast high voltage rectifier
Datasheet
− production data
Features
■
Ultrafast switching
■
Low reverse recovery current
■
Low thermal resistance
■
Reduces switching losses
■
ECOPACK®2 compliant component
Description
The STTH30W03C uses ST Turbo 2 300 V
technology. It is especially suited to be used for
DC/DC and DC/AC converters in secondary stage
of MIG/MMA/TIG welding machine. Housed in
ST's TO-247, this device offers high power
integration for all welding machines and industrial
applications.
Table 1.
Device summary
Symbol
Value
IF(AV)
2 x 15 A
VRRM
300 V
trr (typ)
20 ns
Tj
175 °C
VF (typ)
0.90 V
K
A2
A1
K
A1
A2
TO-247
STTH30W03CW
www.st.com


Similar Part No. - STTH30W03C

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STTH30W03CW ISC-STTH30W03CW Datasheet
309Kb / 3P
Ultrafast High Voltage Diode
More results

Similar Description - STTH30W03C

ManufacturerPart #DatasheetDescription
logo
Micross Components
FFP30S65S MICROSS-FFP30S65S Datasheet
722Kb / 3P
Low Reverse Recovery Current
logo
STMicroelectronics
STTH5R06-Y STMICROELECTRONICS-STTH5R06-Y Datasheet
142Kb / 9P
Low reverse recovery current
03-Nov-2011
STTH15AC06C STMICROELECTRONICS-STTH15AC06C Datasheet
331Kb / 11P
Low reverse recovery current
October 2013 Rev 1
STTH50W03C STMICROELECTRONICS-STTH50W03C Datasheet
151Kb / 9P
Low reverse recovery current
August 2013 Rev1
STTH60W03C STMICROELECTRONICS-STTH60W03C Datasheet
179Kb / 8P
Low reverse recovery current
June 2012 Rev 1
logo
First Silicon Co., Ltd
MPCF10N65A FS-MPCF10N65A Datasheet
562Kb / 5P
Zero Reverse Recovery Current
2021. 06.03 Revision No:0
MPCF16N65A FS-MPCF16N65A Datasheet
469Kb / 4P
Zero Reverse Recovery Current
2021.11.22 Revision No :0
MPCF30N65A FS-MPCF30N65A Datasheet
348Kb / 5P
Zero Reverse Recovery Current
2021. 06. 11 Revision No : 0
MPCK10N120A FS-MPCK10N120A Datasheet
329Kb / 5P
Zero Reverse Recovery Current
2021. 06. 03 Revision No : 0
MPCX8N65A FS-MPCX8N65A Datasheet
3Mb / 7P
Zero Reverse Recovery Current
2021. 11. 30 Revision No : 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com