Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6995STR Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6995STR
Description  LOSSLESS CURRENT LIMIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6995STR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6995STR Datasheet HTML 7Page - STMicroelectronics L6995STR Datasheet HTML 8Page - STMicroelectronics L6995STR Datasheet HTML 9Page - STMicroelectronics L6995STR Datasheet HTML 10Page - STMicroelectronics L6995STR Datasheet HTML 11Page - STMicroelectronics L6995STR Datasheet HTML 12Page - STMicroelectronics L6995STR Datasheet HTML 13Page - STMicroelectronics L6995STR Datasheet HTML 14Page - STMicroelectronics L6995STR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
11/26
L6995S
4.6 Protection and fault
Sensing VSENSE pin voltage performs output protection. The nature of the fault (that is, latched OV or latched
UV) is given by the PGOOD and OVP pins. If the output voltage is between the 89% (typ.) and 110% (typ) of
the regulated value, PGOOD is high. If a hard overvoltage or an undervoltage occurs, the device is latched: low
side MOSFET is turned on, high side MOSFET is turned off and PGOOD goes low. In case the system detects
an overvoltage the OVP pin goes high.
To recover the functionality the device must be shut down and restarted thought the SHDN pin, or the supply
has to be removed, and restart with the correct sequence.
These features are useful to protect against short-circuit (UV fault) as well as high side MOSFET short (OV
fault).
4.7 Drivers
The integrated high-current drivers allow using different size of power MOSFET, maintaining fast switching tran-
sition. The driver for the high side MOSFET uses the BOOT pin for supply and PHASE pin for return (floating
driver). The driver for the low side MOSFET uses the VDR pin for the supply and PGND pin for the return. The
main feature is the adaptive anti-cross-conduction protection, which prevents from both high side and low side
MOSFET to be on at the same time, avoiding a high current to flow from VIN to GND. When high side MOSFET
is turned off the voltage on the pin PHASE begins to fall; the low side MOSFET is turned on only when the volt-
age on PHASE pin reaches 250mV. When low side is turned off, high side remains off until LGATE pin voltage
reaches 500mV. This is important since the driver can work properly with a large range of external power MOS-
FETS.
The current necessary to switch the external MOSFETS flows through the device, and it is proportional to the
MOSFET gate charge and the switching frequency. So the power dissipation of the device is function of the ex-
ternal power MOSFET gate charge and switching frequency.
Eq 14
The maximum gate charge values for the low side and high side are given from:
Eq 15
Eq 16
Where fSW0 = 500Khz. The equations above are valid for TJ = 150°C. If the system temperature is lower the QG
can be higher.
For the Low Side driver the max output gate charge meets another limit due to the internal traces degradation;
in this case the maximum value is QMAXLS = 125nC.
The low side driver has been designed to have a low resistance pull-down transistor, around 0.5 ohms. This
prevents the voltage on LGATE pin raises during the fast rise-time of the pin PHASE, due to the Miller effect.
5
APPLICATION INFORMATION
5.1 20A Demo board description
The demoboard shows the device operation in general purpose applications. The evaluation board allows using
only one supply because the on board linear regulator LM317LD; the linear regulator supplies the device
through the J1. Output current in excess of 20A can be reached dependently on the MOSFET type. The SW1
is used to start the device (when the supplies are already present) and to select the PFM/PWM mode.
P
driver
V
cc
Q
gTOT
F
SW
⋅⋅
=
Q
MAXHS
f
SW0
f
SW
------------- 75nC
=
Q
MAXLS
f
SW0
f
SW
------------- 125nC
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com