Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L7987 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L7987
Description  Adjustable current limitation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L7987 Datasheet HTML 22Page - STMicroelectronics L7987 Datasheet HTML 23Page - STMicroelectronics L7987 Datasheet HTML 24Page - STMicroelectronics L7987 Datasheet HTML 25Page - STMicroelectronics L7987 Datasheet HTML 26Page - STMicroelectronics L7987 Datasheet HTML 27Page - STMicroelectronics L7987 Datasheet HTML 28Page - STMicroelectronics L7987 Datasheet HTML 29Page - STMicroelectronics L7987 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Application information
L7987
26/37
DocID025589 Rev 3
After choosing the regulator bandwidth (typically FBW < 0.2 FSW) and a value for RU,
usually between 1 k
 and 50 k, in order to achieve CF and CP not comparable with
parasitic capacitance of the board, the RF required value is computed by Equation 22.
Select CF in order to place FZ1 below FLC (typically 0.1 FLC)
Select CP in order to place FP1 at 0.5 FSW
Equation 23
The resultant control loop and other transfer functions gain are shown in Figure 12.
Figure 12. Type II compensation - bode plot
5.4.2
Type III compensation network
If FzESR is higher than the target loop bandwidth, as usually happens if the output filter is
based on MLCC ceramic capacitors, a type III compensation network must be designed.
CF
1
2
 R
F
0.1 fLC
------------------------------------------------ CP
;
1
2
 R
F
0.5 fSW
-------------------------------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com