Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST1S41 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST1S41
Description  850 kHz switching frequency
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S41 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST1S41 Datasheet HTML 4Page - STMicroelectronics ST1S41 Datasheet HTML 5Page - STMicroelectronics ST1S41 Datasheet HTML 6Page - STMicroelectronics ST1S41 Datasheet HTML 7Page - STMicroelectronics ST1S41 Datasheet HTML 8Page - STMicroelectronics ST1S41 Datasheet HTML 9Page - STMicroelectronics ST1S41 Datasheet HTML 10Page - STMicroelectronics ST1S41 Datasheet HTML 11Page - STMicroelectronics ST1S41 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Functional description
ST1S41
8/27
DocID023654 Rev 2
5.1
Internal soft-start
The soft-start is essential to assure correct and safe startup of the step-down converter. It
avoids inrush current surge and makes the output voltage increase monothonically.
The soft-start is performed by ramping the non-inverting input (VREF) of the error amplifier
from 0 V to 0.8 V in around 1 ms.
5.2
Error amplifier and control loop stability
The error amplifier compares the FB pin voltage with the internal 0.8 V reference and it
provides the error signal to be compared with the output of the current sense circuitry, that is
the high-side power MOSFET current. Comparing the output of the error amplifier and the
peak inductor current implements the peak current mode control loop.
The error amplifier is a transconductance amplifier (OTA). The uncompensated
characteristics are listed in Table 5:
The ST1S41 embeds the compensation network that assures the stability of the loop in the
whole operating range. Here below, all the tools needed to check the loop stability.
In Figure 4 the simple small signal model for the peak current mode control loop is shown.
Table 5. Error amplifier characteristics
DC gain
95 dB
Gm
251 uA/V
Ro
240 M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com