Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STEF05D Datasheet(PDF) 10 Page - STMicroelectronics

Part # STEF05D
Description  Electronic fuse for 5 V line
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF05D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STEF05D Datasheet HTML 6Page - STMicroelectronics STEF05D Datasheet HTML 7Page - STMicroelectronics STEF05D Datasheet HTML 8Page - STMicroelectronics STEF05D Datasheet HTML 9Page - STMicroelectronics STEF05D Datasheet HTML 10Page - STMicroelectronics STEF05D Datasheet HTML 11Page - STMicroelectronics STEF05D Datasheet HTML 12Page - STMicroelectronics STEF05D Datasheet HTML 13Page - STMicroelectronics STEF05D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Typical application
STEF05D
10/19
DocID024394 Rev 1
Equation 2
Where Cdv/dt is expressed in Farad, and the time t in seconds.
Figure 5 shows a graphical explanation of delay time and ramp-up time.
Figure 5. Delay time and VOUT ramp-up time
5.4
Enable/fault pin
The Enable/Fault pin has the dual function of controlling the output of the device and, at the
same time, of providing information about the device status to the application.
When it is used, it should be connected to an external open-drain or open-collector device.
In this case, when it is pulled at low logic level, it turns the output of the E-Fuse off.
If this pin is left floating, since it has internal pull-up circuitry, the output of the E-Fuse is kept
ON in normal operating conditions.
In case of thermal fault, the pin is pulled to an intermediate state (Figure 6). This signal can
be provided to a monitor circuit, informing it that a thermal shutdown has occurred, or it can
be directly connected to the Enable/Fault pins of other STEFxx devices on the same
application in order to achieve a simultaneous enable/disable feature.
When a thermal fault occurs, the device can be reset either by cycling the supply voltage or
by pulling down the Enable pin below the Vil threshold and then releasing it.
C
dvdt
36
10
9
t30x10
12
=
AM09870v1
0
1
2
3
4
5
6
Time
EN/Fault
VOUT
delay
time
ramp-up
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com