Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BOB3WH3 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # BOB3WH3
Description  Isolated DC-DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BOB3WH3 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  BOB3WH3 Datasheet HTML 1Page - Bothhand USA, LP. BOB3WH3 Datasheet HTML 2Page - Bothhand USA, LP. BOB3WH3 Datasheet HTML 3Page - Bothhand USA, LP. BOB3WH3 Datasheet HTML 4Page - Bothhand USA, LP. BOB3WH3 Datasheet HTML 5Page - Bothhand USA, LP. BOB3WH3 Datasheet HTML 6Page - Bothhand USA, LP. BOB3WH3 Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev:20130812A
Page 1 of 7
Isolated DC-DC Converters
BOB3WH3 Series -- 3 Watt
Features
Wide 4 : 1 Input Voltage Range (9~36V,18~75V)
High Power Density
High Efficiency
Operating Temperature Range: -40°C to +85°C
Output Short Circuit Protection
Output Over Voltage Protection
Remote On /Off Control
Input/ Output Isolation 3000 VDC
Shielded Metal Case with Insulated Baseplate
Lead Free Design, RoHS Compliant
24pin DIP Package with Industry-Standard Footprint
Safety Standard / Approval : IEC/EN60950-1
Technical Specification
All specifications are typical at nominal input, full load and 25°C unless otherwise stated.
Output Current (mA)
Input Current (mA)
Model
Number
Input Voltage
Range
Output
Voltage
(V)
Min. Load
(1)
Full. Load
No Load
Full Load
Eff .
(2)
(%)
Capacitive
Load, max.
(3) (uF)
BOB3-24S0WH3
3.3
22
750
5
143
76
470
BOB3-24S1WH3
5
10
600
4
169
78
330
BOB3-24S2WH3
12
0
250
9
164
80
147
BOB3-24S3WH3
15
0
200
10
14
80
82
BOB3-24D1WH3
±5
0
±300
8
167
79
168
BOB3-24D2WH3
±12
0
±125
14
164
80
47
BOB3-24D3WH3
9~36V
Nominal:24Vdc
±15
0
±100
16
164
80
33
BOB3-48S0WH3
3.3
11
750
3
72
76
470
BOB3-48S1WH3
5
10
600
2
84
78
330
BOB3-48S2WH3
12
0
250
5
83
79
100
BOB3-48S3WH3
15
0
200
6
82
80
68
BOB3-48D1WH3
±5
0
±300
5
84
78
168
BOB3-48D2WH3
±12
0
±125
8
83
79
33
BOB3-48D3WH3
18~75V
Nominal:48Vdc
±15
0
±100
9
86
77
33
Applications
Distributed power system
Telecommunication application
Battery powered equipment
Industrial application
Process control equipment
Transportation equipment
Bothhand USA
sales@bothhandusa.com
www.bothhandusa.com


Similar Part No. - BOB3WH3

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BOB3WH3-SERIES BOTHHAND-BOB3WH3-SERIES Datasheet
896Kb / 7P
Isolated DC-DC Converters
More results

Similar Description - BOB3WH3

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RXL-02T050 BEL-0RXL-02T050 Datasheet
113Kb / 5P
ISOLATED DC/DC CONVERTERS
XRSB-50R08X BEL-XRSB-50R08X Datasheet
185Kb / 7P
ISOLATED DC/DC CONVERTERS
0RCM-55S12X BEL-0RCM-55S12X Datasheet
501Kb / 6P
ISOLATED DC/DC CONVERTERS
0RCN-70S10L BEL-0RCN-70S10L Datasheet
101Kb / 3P
ISOLATED DC/DC CONVERTERS
0RCR-15T08X BEL-0RCR-15T08X Datasheet
122Kb / 5P
ISOLATED DC/DC CONVERTERS
07CM-38S BEL-07CM-38S_08 Datasheet
131Kb / 5P
ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
ISOLATED DC/DC CONVERTERS
VRYB-40T03X BEL-VRYB-40T03X Datasheet
147Kb / 6P
ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
ISOLATED DC/DC CONVERTERS
0REB-C0T06X BEL-0REB-C0T06X Datasheet
462Kb / 14P
ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com