Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

F7LF Datasheet(PDF) 3 Page - Bothhand USA, LP.

Part # F7LF
Description  15 Watt Isolated DC-DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

F7LF Datasheet(HTML) 3 Page - Bothhand USA, LP.

  F7LF Datasheet HTML 1Page - Bothhand USA, LP. F7LF Datasheet HTML 2Page - Bothhand USA, LP. F7LF Datasheet HTML 3Page - Bothhand USA, LP. F7LF Datasheet HTML 4Page - Bothhand USA, LP. F7LF Datasheet HTML 5Page - Bothhand USA, LP. F7LF Datasheet HTML 6Page - Bothhand USA, LP. F7LF Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
F7 LF - Series
15 Watt Isolated DC-DC Converter
Single / Dual Output
99
Isolation Resistance
1000 MΩ Min.
@ 500 Vdc
Operating Temperature (1)
-25
~ +
71
@ Ambient Temperature With Natural Convention
Operating Temperature (2)
-25
~ +95
@ Case Surface Temperature
Storage Temperature
-55
~ +105
---
Humidity
Up To 90 %
---
Cooling
Free Air Convection
---
Case Type
Plastic、Metal
---
6 . Ordering Information
7 . Power Derating Curve
Temperature derating graph
Output Voltage
F7-xxyySxxHM LF
Device Family
Input Voltage
RoHS Converter Certified By SGS
Output Power
"M" For Metal Case; "P" For Plastic Case
"S" For Single Output; "D" For Dual Output
Suffix "H" For Isolation Voltage 3KVdc
Nothing For Isolation Voltage 1.5KVdc
(
)
www.bothhandusa.com
978-887-8050
sales@bothhandusa.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com