Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST7FOXU0 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7FOXU0
Description  1 additional output line
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXU0 Datasheet(HTML) 1 Page - STMicroelectronics

  ST7FOXU0 Datasheet HTML 1Page - STMicroelectronics ST7FOXU0 Datasheet HTML 2Page - STMicroelectronics ST7FOXU0 Datasheet HTML 3Page - STMicroelectronics ST7FOXU0 Datasheet HTML 4Page - STMicroelectronics ST7FOXU0 Datasheet HTML 5Page - STMicroelectronics ST7FOXU0 Datasheet HTML 6Page - STMicroelectronics ST7FOXU0 Datasheet HTML 7Page - STMicroelectronics ST7FOXU0 Datasheet HTML 8Page - STMicroelectronics ST7FOXU0 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 123 page
background image
November 2007
Rev 2
1/123
1
ST7FOXU0
8-bit MCU with single voltage Flash memory,
ADC, timers
Features
■ Memories
– 2 Kbytes single voltage extended Flash
(XFlash) Program memory with
Read-Out Protection
In-Circuit Programming and In-Application
programming (ICP and IAP)
Endurance: 1K write/erase cycles
guaranteed
Data retention: 20 years at 55 °C
– 128 bytes RAM
■ Clock, Reset and Supply Management
– Low voltage supervisor (LVD) for safe
power-on/off
– Clock sources: Internal trimmable 8 MHz
RC oscillator, auto wake-up internal low
power - low frequency oscillator or external
clock
– External reset source and watchdog reset
– Five power saving modes: Halt, Active-Halt,
Auto Wake-up from Halt, Wait and Slow
■ I/O Ports
– 5 multifunctional bidirectional I/Os
– 1 additional output line
– 5 high sink outputs
■ 2 timers
– One 8-bit Lite timer with prescaler
including: watchdog,
1 real time base and 1 input capture
– Single 12-bit Auto-reload timer with 1 PWM
output, input capture, output compare,
dead-time generation and enhanced one
pulse mode functions
■ A/D converter: 5 input channels
■ Interrupt management
– 11 interrupt vectors plus TRAP and RESET
■ Instruction set
– 8-bit data manipulation
– 63 basic instructions with illegal opcode
detection
– 17 main addressing modes
– 8 x 8 unsigned multiply instructions
■ Development tools
– Full HW/SW development package
– DM (Debug Module)
SO8
DIP8
Table 1.
Device summary
Features
ST7FOXU0
Program memory - bytes
2K
RAM (stack) - bytes
128 (64)
Timers
1 x 8-bit timer, 1 x 12-bit AT (1 PWM)
ADC
1 x 10-bit
Packages
SO8 150”, DIP8 300”
www.st.com


Similar Part No. - ST7FOXU0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7FOXA0 STMICROELECTRONICS-ST7FOXA0 Datasheet
1Mb / 123P
8-bit MCU with single voltage Flash memory
04-Feb-2008
ST7FOXA0-DRAIS STMICROELECTRONICS-ST7FOXA0-DRAIS Datasheet
220Kb / 6P
Raisonances complete, low-cost starter kits for STM8 and ST7
22-Apr-2013
ST7FOXF1 STMICROELECTRONICS-ST7FOXF1 Datasheet
3Mb / 226P
8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
23-Nov-2007
ST7FOXK1 STMICROELECTRONICS-ST7FOXK1 Datasheet
3Mb / 226P
8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
23-Nov-2007
ST7FOXK2 STMICROELECTRONICS-ST7FOXK2 Datasheet
3Mb / 226P
8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
23-Nov-2007
More results

Similar Description - ST7FOXU0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM1804 TI-CDCM1804 Datasheet
589Kb / 24P
1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
logo
National Semiconductor ...
MM54C150 NSC-MM54C150 Datasheet
126Kb / 8P
16-Line to 1-Line Multiplexer, TRI-STATE16-Line to 1-Line
logo
List of Unclassifed Man...
RM3000 ETC2-RM3000 Datasheet
142Kb / 1P
Additional Accessories
logo
ATMEL Corporation
AT91SAM9G20 ATMEL-AT91SAM9G20_14 Datasheet
12Mb / 832P
Additional Embedded Memories
AT91SAM9261S ATMEL-AT91SAM9261S_14 Datasheet
9Mb / 709P
Additional Embedded Memories
SAM9G10 ATMEL-SAM9G10_14 Datasheet
12Mb / 750P
Additional Embedded Memories
logo
List of Unclassifed Man...
A201SYZQ04 ETC2-A201SYZQ04 Datasheet
32Kb / 1P
Documentation Additional Information
logo
STMicroelectronics
STEVAL-IFP016V2 STMICROELECTRONICS-STEVAL-IFP016V2 Datasheet
415Kb / 4P
Additional IEC61131-2 type-1 input
25-Sep-2012
logo
Texas Instruments
CDCM1804 TI1-CDCM1804_17 Datasheet
623Kb / 27P
1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
logo
Schneider Electric
HMIYBINSL11 SCHNEIDER-HMIYBINSL11 Datasheet
119Kb / 1P
Additional Serial Line Interface for Box PC
Aug 10, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com