Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST1LF Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # ST1LF
Description  Input Filter With Internal Capacitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

ST1LF Datasheet(HTML) 2 Page - Bothhand USA, LP.

  ST1LF Datasheet HTML 1Page - Bothhand USA, LP. ST1LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Specification (2/2):
Mechanical Dimensions (2/2):
Dual Output Series
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
2) Dual Output Series
ST1-05D05 LF
± 5
± 100
28
281
60
± 8
71
ST1-05D09 LF
± 9
± 56
24
256
70
± 8
78
ST1-05D12 LF
± 12
± 42
24
258
100
± 8
78
ST1-05D15 LF
5
± 15
± 34
26
252
120
± 8
81
ST1-12D05 LF
± 5
± 100
15
114
60
± 8
73
ST1-12D09 LF
± 9
± 56
15
106
70
± 8
79
ST1-12D12 LF
± 12
± 42
15
104
100
± 6
81
ST1-12D15 LF
12
± 15
± 34
15
102
120
± 6
83
ST1-24D3R3 LF
± 3.3
± 100
6
45
60
± 8
66
ST1-24D05 LF
± 5
± 100
7
58
60
± 5
76
ST1-24D09 LF
± 9
± 56
8
57
70
± 5
78
ST1-24D12 LF
± 12
± 42
7
56
100
± 5
80
ST1-24D15 LF
24
± 15
± 34
10
60
120
± 5
75
ST1-05D05 LF
Date Code
8.20
(0.32)
15.20
(0.60)
11.20
(0.44)
2.54
(0.10
10.16
(0.40)
7.25
(0.29)
2.00
(0.08)
5.00
(0.20)
1.50
(0.06)
7.62
(0.30)
0°~10°
0.60
(0.02)
Pin
1.5K Vdc - Dual
Pin
1
-Vin
NA
18
3
+Vin
NA
16
5
NA
NA
14
7
Common
+Vo
12
9
-Vo
NA
10
ST1 LF Series
1W Isolated DC/DC Converter
23
Bothhand USA
http://www.bothhandusa.com
sales@bothhandusa.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com