| Electronic Components Datasheet Search |
|
ST7MC1K2-Auto Datasheet(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC1K2-Auto Datasheet(HTML) 26 Page - STMicroelectronics |
|
26 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) Pin description ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto 26/371 29 21 PD0/OCMP2_A/ MCPWMW(10)/AIN11 I/O CT X XX X Port D0 Timer A output compare 2 MTC PWM output W(10) ADC analog input 11 30 22 PD1(HS)/OCMP1_A/ MCPWMV(10)/ MCDEM(11) I/O CT HS X ei0 X X Port D1 Timer A output compare 1 MTC PWM output V(10) MTC demagnetization(11) 31 23 PD2/ICAP2_A/ MCZEM(11)/AIN12 I/O CT X ei0 X X X Port D2 Timer A input capture 2 MTC BEMF(11) ADC analog input 12 32 24 PD3/ICAP1_A/AIN13 I/O CT X ei0 X X X Port D3 Timer A input capture 1 ADC analog input 13 33 25 PD4/EXTCLK_A/ICCC LK/ AIN14 I/O CT X ei0 X X X Port D4 Timer A external clock source ICC clock output ADC analog input 14 34 26 PD5/ICCDATA/AIN15 I/O CT X ei0 X X X Port D5 ICC data input ADC analog input 15 35 27 PD6/RDI I/O CT HS X ei0 X X Port D6 SCI receive data in 36 28 PD7/TDO I/O CT HS X XX X Port D7 SCI transmit data output (5) (5) VSS_2 (7) S Digital ground voltage VDD_2 (7) S Digital main supply voltage PH4 I/O TT X XX X Port H4 PH5 I/O TT X XX X Port H5 PH6 I/O TT X XX X Port H6 Table 2. Device pin description(1) (continued) Pin number Pin name Level Port Main function (after reset) Alternate function(2) Input Output Obsolete Product(s) - Obsolete Product(s) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |