Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STOD03A Datasheet(PDF) 5 Page - STMicroelectronics

Part # STOD03A
Description  Dual DC-DC converter for powering AMOLED displays
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03A Datasheet(HTML) 5 Page - STMicroelectronics

  STOD03A Datasheet HTML 1Page - STMicroelectronics STOD03A Datasheet HTML 2Page - STMicroelectronics STOD03A Datasheet HTML 3Page - STMicroelectronics STOD03A Datasheet HTML 4Page - STMicroelectronics STOD03A Datasheet HTML 5Page - STMicroelectronics STOD03A Datasheet HTML 6Page - STMicroelectronics STOD03A Datasheet HTML 7Page - STMicroelectronics STOD03A Datasheet HTML 8Page - STMicroelectronics STOD03A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DocID17785 Rev 3
5/22
STOD03A
Pin configuration
22
2
Pin configuration
Figure 3. Pin configuration (top view)
Table 3. Pin description
Pin name
Pin number
Description
Lx1
1
Switching node of the step-up converter
PGND
2
Power ground pin
VMID
3
Step-up converter output voltage (4.6V)
NC
4
Not internally connected
AGND
5
Signal ground pin. This pin must be connected to the power ground pin
VREF
6
Voltage reference output. 1µF bypass capacitor must be connected between
this pin and AGND
SWIRE
7
Negative voltage setting pin. Uses SWIRE protocol, see details in
Section 6.1.2
EN
8
Enable control pin. ON=VINA. When pulled low it puts the device in
shutdown mode
VO2
9
Inverting converter output voltage (Default -4.9V).
Lx2
10
Switching node of the inverting converter
VIN A
11
Analogic input supply voltage
ViN P
12
Power input supply voltage
Exposed pad
Internally connected to AGND. Exposed pad must be connected to AGND
and PGND in the PCB layout in order to guarantee proper operation of the
device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com