Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DPG Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # DPG
Description  Dual axis inclinometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DPG Datasheet(HTML) 3 Page - TE Connectivity Ltd

  DPG Datasheet HTML 1Page - TE Connectivity Ltd DPG Datasheet HTML 2Page - TE Connectivity Ltd DPG Datasheet HTML 3Page - TE Connectivity Ltd DPG Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DPG-SERIES INCLINOMETER
SENSOR SOLUTIONS /// DPG-Series Inclinometer Rev 6
01/2016
Page 3
PARAMETERS
CABLE CONFIGURATION
No
Name
Description
Type
Cable color
1
Vcc
Positive power supply
Supply, Input
white
2
RxD
RS 232 input
Input 1
grey
3
GND
Ground
Supply, Input
yellow
4
Out X
Voltage out X
Output 2
brown
5
Out Y
Voltage out Y
Output 3
green
6
TxD
RS 232 output
Output 1
pink
For more details please use the product specification / application note / instruction manual.
Conditions
Min
Type
Max
Unit
Measurement range
-5/-10/ -15/ -30
+5/ +10/ +15/ +30 °
Resolution
0.001
°
Accuracy 1 (absolute)
Ta = 0° to 50°C
0.06/ 0.09/ 0.2/ 0.5
°
Accuracy 2 (absolute)
Ta = - 40°C to 85°C
0.12/ 0.15/ 0.25/ 0.8
°
Offset temperature drift error
Ta = - 25°C to 75°C
0.05
°
Ta = - 40°C to 85°C
0.1
°
Noise RMS
0.003
°
Output rate, programmable
RS 232
0.5
10
25
Hz
Baud rate, programmable
RS 232
9.6
kB
Output voltage signal
analogue
0.3
0.5…4.5
4.7
V
Current consumption
20
mA
Power supply
7
30
VDC
Operation temperature range
-40
+85
°C
Storage temperature range
-40
+85
°C
Weight
270
g
Cable, pigtail
fixed
1000
mm
Dimensions
W x D x H
84 x 70 x 34.2
mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com