Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CCLD-033 Datasheet(PDF) 2 Page - CRYSTEK CORPORATION

Part # CCLD-033
Description  5횞7mm SMD LVDS Clock Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CCLD-033 Datasheet(HTML) 2 Page - CRYSTEK CORPORATION

  CCLD-033 Datasheet HTML 1Page - CRYSTEK CORPORATION CCLD-033 Datasheet HTML 2Page - CRYSTEK CORPORATION CCLD-033 Datasheet HTML 3Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
C
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
5×7 mm SMD,
3.3V, LVDS
CCLD-033 Model
CCLD-033 5×7mm SMD
LVDS Clock Oscillator
Date: 13-Feb-2017
Rev: R
Page 2 of 3
Frequency Range:
Frequency Stability Options(ppm):
Temperature Range:
(Option M)
(Option X)
Storage:
Input Voltage:
Input Current:
Standby Current:
Output:
Symmetry:
Rise/Fall Time:
Load:
Logic:
Output Voltage Levels
Differential Output Voltage:
Disable Time:
Start-up Time:
Phase Jitter: 12kHz~80MHz
Phase Noise: (See Plot Below)
Sub-harmonics:
Aging:
77.760 MHz to 161.000 MHz
±20, ±25, ±50, ±100
(standard) 0°C to +70°C
-20°C to +70°C
-40°C to +85°C
-45°C to 90°C
3.3V ± 0.3V
66mA Max
30uA Max
Differential LVDS
45/55% Max @ zero crossing point
1ns Max (20% to 80%)
100 Ohms Connected between OUT and COUT
“0”=0.90 Min, 1.10 Typical
“1”=1.43 Typical, 1.60 Max
247mV Min, 454mV Max
200ns Max
10ms Max
0.5ps Typical, 1ps RMS Max
None
<3ppm 1st year, <1ppm every year thereafter
Typical Phase Noise Plot
Specifications subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com