Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS7C38098A Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS7C38098A
Description  Fully static operation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C38098A Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS7C38098A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C38098A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C38098A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C38098A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C38098A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C38098A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C38098A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C38098A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C38098A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
FEBRUARY 2012
AS7C38098A
512K X 16 BIT HIGH SPEED CMOS SRAM
5
CAPACITANCE (TA = 25℃, f = 1.0MHz)
PARAMETER
SYMBOL
MIN.
MAX
UNIT
Input Capacitance
CIN
-
8
pF
Input/Output Capacitance
CI/O
-
10
pF
Note : These parameters are guaranteed by device characterization, but not production tested.
AC TEST CONDITIONS
speed
10ns
Input Pulse Levels
0.2V to Vcc-0.2V
Input Rise and Fall Times
3ns
Input and Output Timing Reference Levels
1.5V
Output Load
CL = 30pF + 1TTL,
IOH/IOL = -4mA/8mA
AC ELECTRICAL CHARACTERISTICS
(1) READ CYCLE
PARAMETER
SYM.
AS7C38098A-10
UNIT
MIN.
MAX.
Read Cycle Time
tRC
10
-
ns
Address Access Time
tAA
-
10
ns
Chip Enable Access Time
tACE
-
10
ns
Output Enable Access Time
tOE
-
4.5
ns
Chip Enable to Output in Low-Z
tCLZ*
2
-
ns
Output Enable to Output in Low-Z
tOLZ*
0
-
ns
Chip Disable to Output in High-Z
tCHZ*
-
4
ns
Output Disable to Output in High-Z
tOHZ*
-
4
ns
Output Hold from Address Change
tOH
2
-
ns
LB#, UB# Access Time
tBA
-
4.5
ns
LB#, UB# to High-Z Output
tBHZ*
-
4
ns
LB#, UB# to Low-Z Output
tBLZ*
0
-
ns
(2) WRITE CYCLE
PARAMETER
SYM.
AS7C38098A-10
UNIT
MIN.
MAX.
Write Cycle Time
tWC
10
-
ns
Address Valid to End of Write
tAW
8
-
ns
Chip Enable to End of Write
tCW
8
-
ns
Address Set-up Time
tAS
0
-
ns
Write Pulse Width
tWP
8
-
ns
Write Recovery Time
tWR
0
-
ns
Data to Write Time Overlap
tDW
6
-
ns
Data Hold from End of Write Time
tDH
0
-
ns
Output Active from End of Write
tOW*
2
-
ns
Write to Output in High-Z
tWHZ*
-
4
ns
LB#, UB# Valid to End of Write
tBW
8
-
ns
*These parameters are guaranteed by device characterization, but not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com