Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS7C316096B Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS7C316096B
Description  Fully static operation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C316096B Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS7C316096B Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C316096B Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C316096B Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C316096B Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C316096B Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C316096B Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C316096B Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C316096B Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C316096B Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AS7C316096B
Preliminary 1.0
2048K X 8 BIT HIGH SPEED CMOS SRAM
Confidential
1
Rev 1.0 – June 2014
FEATURES
Fast access time : 10ns
Low power consumption:
Operating current : 70mA (TYP.)
Standby current : 4mA(TYP.)
Single 3.3V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data retention voltage : 1.5V (MIN.)
All parts are ROHS Compliant
Package : 54-pin 400 mil TSOP-II
48-ball 6mm x 8mm TFBGA
GENERAL DESCRIPTION
The AS7C316096B is a 16M-bit high speed CMOS
static random access memory organized as 2048K
words by 8 bits. It is fabricated using very high
performance, high reliability CMOS technology. Its
standby current is stable within the range of
operating temperature.
The AS7C316096B operates from a single power
supply of 3.3V and all inputs and outputs are fully
TTL compatible
Table 1. Speed Grade Information
Product
Family
VCC Range
Speed
Power Dissipation
Standby(ISB1,TYP.)
Operating(ICC,TYP.)
AS7C316096B
2.7 ~ 3.6V
10ns
4mA
70mA
Table 2. Ordering Information
Product part No
Org
Temperature
Package
AS7C316096B-10TIN
2048K x 8
Industrial -40°C to 85°C
44-pin 400mil TSOP-II
AS7C316096B-10BIN
2048K x 8
Industrial -40°C to 85°C
48-ball 6mm x 8mm TFBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com