Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1111C Datasheet(PDF) 3 Page - ams AG

Part # AS1111C
Description  This document describes the AS1111C Evaluation Kit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1111C Datasheet(HTML) 3 Page - ams AG

  AS1111C Datasheet HTML 1Page - ams AG AS1111C Datasheet HTML 2Page - ams AG AS1111C Datasheet HTML 3Page - ams AG AS1111C Datasheet HTML 4Page - ams AG AS1111C Datasheet HTML 5Page - ams AG AS1111C Datasheet HTML 6Page - ams AG AS1111C Datasheet HTML 7Page - ams AG AS1111C Datasheet HTML 8Page - ams AG AS1111C Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AS1111C Standard Board
ams Eval Kit Manual
Page 3
[v1-00] 2015-Jan-20
Document Feedback
1
Introduction
This document describes the AS1111C Evaluation Kit.
The AS1111C is a LED driver designed to match current source bias for any color LED, including
white and blue. The device can drive up to 4 high-current LEDs, and the LED current is
programmable using an external resistor (RSET).
The AS1111C LED currents are 230 x ISET (per LED, type) at an LED cathode voltage (VSAT) of
150mV and 325 x ISET (type) at a VSAT of 1V, where ISET is the current through RSET connected
to pin CTRL.
The AS1111C incorporate a chip-enable feature via pin EN. When the devices are disabled, the
supply current drops down to less than 1µA. The AS1111C is available in a 8lead MLPD package
with 0.5mm pitch.
2
Kit Content
Figure 1: Kit Content
Label
Item
Comment
1
Evaluation Board
AS1111C (8lead MLPD 2x2mm package
with 0.5mm pitch)
3
Getting Started
Connect your supply to GND, VSET and VLED. Be shure that the jumpers are set like you can see
in the Hardware Description below.
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com