Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9634 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9634 Datasheet HTML 26Page - STMicroelectronics L9634 Datasheet HTML 27Page - STMicroelectronics L9634 Datasheet HTML 28Page - STMicroelectronics L9634 Datasheet HTML 29Page - STMicroelectronics L9634 Datasheet HTML 30Page - STMicroelectronics L9634 Datasheet HTML 31Page - STMicroelectronics L9634 Datasheet HTML 32Page - STMicroelectronics L9634 Datasheet HTML 33Page - STMicroelectronics L9634 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
L9634
30/36
4.34 Monitor Mode
Monitor Mode message is defined as shown in below:
Table 26. MOSI Monitor Mode Message Definition
Odd parity check includes all 16 bits. "Don't care" bit is included in the parity check as well.
When bit D12 is set to a '0,' OSD ignores all command bits, specified in bit D9 to bit D0.
The monitor mode message is allowed to start or to stop the short between loops test. To start the test,
both bit D9 and bit D8 has to be set to '1.' To stop the test, bit D9 is set to '1' and bit D8 is set to '0.' If bit
D9 is set to '0,' OSD ignores the state of bit D8. In this condition, OSD does not affect the test. If bit D12
is set to '0,' OSD ignores bit D9 and bit D8.
Bit D7 through bit D0 is used to clear/keep the deploy success flag. When these bits are set to '1,' the flag
is cleared. Otherwise, OSD does not affect the state of these flags.
Bit
State
Description
D15
1
Mode Bits
D14
1
D13
Odd Parity
D12
0
Read Status Response Only
1
Write Commands
D11
-
Don’t Care
D10
-
Don’t Care
D9
0
Do not modify Short Between Loops Test
1
Modify Short Between Loops Test
D8
0
Disable Short Between Loops Test
1
Enable Short Between Loops Test
D7
0
Keep Deploy Success Flag Channel 7
1
Clear Deploy Success Flag Channel 7
D6
0
Keep Deploy Success Flag Channel 6
1
Clear Deploy Success Flag Channel 6
D5
0
Keep Deploy Success Flag Channel 5
1
Clear Deploy Success Flag Channel 5
D4
0
Keep Deploy Success Flag Channel 4
1
Clear Deploy Success Flag Channel 4
D3
0
Keep Deploy Success Flag Channel 3
1
Clear Deploy Success Flag Channel 3
D2
0
Keep Deploy Success Flag Channel 2
1
Clear Deploy Success Flag Channel 2
D1
0
Keep Deploy Success Flag Channel 1
1
Clear Deploy Success Flag Channel 1
D0
0
Keep Deploy Success Flag Channel 0
1
Clear Deploy Success Flag Channel 0
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com