Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA311B Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Datasheet(HTML) 1 Page - STMicroelectronics

  STA311B Datasheet HTML 1Page - STMicroelectronics STA311B Datasheet HTML 2Page - STMicroelectronics STA311B Datasheet HTML 3Page - STMicroelectronics STA311B Datasheet HTML 4Page - STMicroelectronics STA311B Datasheet HTML 5Page - STMicroelectronics STA311B Datasheet HTML 6Page - STMicroelectronics STA311B Datasheet HTML 7Page - STMicroelectronics STA311B Datasheet HTML 8Page - STMicroelectronics STA311B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 102 page
background image
This is information on a product in full production.
October 2013
DocID024340 Rev 1
1/102
STA311B
Multichannel digital audio processor with FFXTM
Datasheet
- production data
Features
 8 channels of 24-bit FFX™
 >100 dB SNR and dynamic range
 Selectable 32 kHz-192 kHz input sampling
rates
 6 channels of DSD/SACD
 Digital gain/attenuation +58 dB to -100 dB in
0.5 dB steps
 Advanced “pop-free” operation
 Digital “pop-free” operation for single-ended
mode
 Soft volume update
 Individual channel and master gain/attenuation
plus channel trim (-10 dB to +10 dB)
 Up to 10 independent 32-bit user-
programmable biquads (EQ) per channel
 Bass/treble tone control
 Pre- and post-EQ full 8-channel input mix on all
8 channels
 Dual independent limiters/compressors
 Dynamic range compression or anti-clipping
modes
 AutoModes
– 5-band graphic EQ
– 32 preset EQ curves (rock, jazz, pop, etc.)
– Automatic volume-controlled loudness
– 5.1 to 2-channel downmix
– Simultaneous 5.1- and 2-channel downmix
outputs
– 3 preset volume curves
– 2 preset anti-clipping modes
– Preset movie nighttime listening mode
– Preset TV channel/commercial AGC mode
– 5.1, 2.1 bass management configurations
– AM frequency automatic output PWM
frequency shifting
– 8 preset crossover filters
 Individual channel and master soft/hard mute
 Automatic zero-detect and invalid input mute
 Automatic amplifier power-down on clock loss
 Advanced AM interference frequency
switching and noise suppression modes
 I²S output channel mapping function
 Independent channel volume and DSP bypass
 Channel mapping of any input to any
processing/FFX channel
 Selectable per-channel FFX damped ternary or
binary PWM output
 Max power correction for lower full-power THD
 Variable per-channel FFX output delay control
 192 kHz internal processing sampling rate,
24-bit to 36-bit precision
VFQFN-56
Table 1. Device summary
Order code
Package
Packaging
STA311B
VFQFPN56
Tray
STA311BTR
VFQFPN56
Tape and reel
www.st.com


Similar Part No. - STA311B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA310 STMICROELECTRONICS-STA310 Datasheet
655Kb / 90P
62-CH. MULTISTANDARD AUDIO DECODER
Jun-2003
logo
Sanken electric
STA312 SANKEN-STA312 Datasheet
18Kb / 1P
NPN General purpose
STA312A SANKEN-STA312A Datasheet
18Kb / 1P
NPN General purpose
STA315 SANKEN-STA315 Datasheet
24Kb / 1P
Power Transistor Array
STA315A SANKEN-STA315A Datasheet
24Kb / 1P
Power Transistor Array
More results

Similar Description - STA311B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA304 STMICROELECTRONICS-STA304 Datasheet
335Kb / 30P
DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
rev. 2.1
STA308 STMICROELECTRONICS-STA308 Datasheet
258Kb / 33P
MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX?
Dec-2002
logo
Texas Instruments
TAS3002 TI-TAS3002 Datasheet
350Kb / 74P
Digital Audio Processor With Codec
logo
STMicroelectronics
8169 STMICROELECTRONICS-8169 Datasheet
338Kb / 30P
DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
Mar-2002
STA306 STMICROELECTRONICS-STA306 Datasheet
232Kb / 33P
MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX
Oct-2003
STA309B STMICROELECTRONICS-STA309B Datasheet
722Kb / 66P
Multichannel digital audio processor with FFX짰
24-Jan-2012
logo
Texas Instruments
TAS3004PFB TI1-TAS3004PFB Datasheet
1Mb / 84P
DIgital Audio Processor With Codec
logo
Analog Devices
AD1940 AD-AD1940_15 Datasheet
421Kb / 36P
SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
AD1941 AD-AD1941_15 Datasheet
421Kb / 36P
SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
logo
Texas Instruments
TAS3002 TI1-TAS3002_14 Datasheet
289Kb / 55P
Digital Audio Processor With Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com