Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA339BWS Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA339BWS
Description  FFX with 100-dB SNR and dynamic range
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA339BWS Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA339BWS Datasheet HTML 13Page - STMicroelectronics STA339BWS Datasheet HTML 14Page - STMicroelectronics STA339BWS Datasheet HTML 15Page - STMicroelectronics STA339BWS Datasheet HTML 16Page - STMicroelectronics STA339BWS Datasheet HTML 17Page - STMicroelectronics STA339BWS Datasheet HTML 18Page - STMicroelectronics STA339BWS Datasheet HTML 19Page - STMicroelectronics STA339BWS Datasheet HTML 20Page - STMicroelectronics STA339BWS Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 79 page
background image
DocID015276 Rev 8
17/79
STA339BWS
Serial audio interface
79
4
Serial audio interface
The STA339BWS audio serial input interface was designed to interface with standard digital
audio components and to accept a number of serial data formats. The STA339BWS always
acts as the slave when receiving audio input from standard digital audio components. Serial
data for two channels is provided using three inputs: left/right clock LRCKI, serial clock
BICKI, and serial data SDI12.
The SAI bit and the SAIFB bit are used to specify the serial data format. The default serial
data format is I2S, MSB-first.
4.0.1
Timings
In the STA339BWS the BICKI and LRCKI pins are configured as inputs and they must be
supplied by the external peripheral.
Figure 6.
Timing diagram for SAI interface
4.0.2
Delay serial clock enable
To tolerate anomalies in some I2S master devices, a PLL clock cycle delay can be added to
the BICKI signal before the SAI interface.
4.0.3
Channel input mapping
Each channel received via I2S can be mapped to any internal processing channel via the
channel input mapping registers. This allows for flexibility in processing. The default settings
of these registers map each I2S input channel to its corresponding processing channel.
Table 8.
Timing parameters for slave mode
Symbol
Parameter
Min
Typ
Max
Unit
tBCy
BICK cycle time
80
-
-
ns
tBCH
BICK pulse width high
40
-
-
ns
tBCL
BICK pulse width low
40
-
-
ns
tLRSU
LRCKI setup time to BICKI strobing edge
40
-
-
ns
tLRH
LRCKI hold time to BICKI strobing edge
40
-
-
ns
tLRJT
LRCKI Jitter Tolerance
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com