Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STOD03AS Datasheet(PDF) 21 Page - STMicroelectronics

Part # STOD03AS
Description  Dual DC-DC converter for powering AMOLED displays
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03AS Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STOD03AS Datasheet HTML 17Page - STMicroelectronics STOD03AS Datasheet HTML 18Page - STMicroelectronics STOD03AS Datasheet HTML 19Page - STMicroelectronics STOD03AS Datasheet HTML 20Page - STMicroelectronics STOD03AS Datasheet HTML 21Page - STMicroelectronics STOD03AS Datasheet HTML 22Page - STMicroelectronics STOD03AS Datasheet HTML 23Page - STMicroelectronics STOD03AS Datasheet HTML 24Page - STMicroelectronics STOD03AS Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
DocID022614 Rev 2
21/25
STOD03AS
Package mechanical data
25
9
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Table 9. DFN 12L 3X3 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.510.550.60
A1
0
0.02
0.05
A3
0.20
b
0.180.250.30
D
2.8533.15
D2
1.87
2.02
2.12
E
2.8533.15
E2
1.06
1.21
1.31
e0.45
L
0.300.400.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com