Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STOD14PUR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STOD14PUR
Description  700 mA dual DC-DC converter for powering AMOLED displays
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD14PUR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STOD14PUR Datasheet HTML 2Page - STMicroelectronics STOD14PUR Datasheet HTML 3Page - STMicroelectronics STOD14PUR Datasheet HTML 4Page - STMicroelectronics STOD14PUR Datasheet HTML 5Page - STMicroelectronics STOD14PUR Datasheet HTML 6Page - STMicroelectronics STOD14PUR Datasheet HTML 7Page - STMicroelectronics STOD14PUR Datasheet HTML 8Page - STMicroelectronics STOD14PUR Datasheet HTML 9Page - STMicroelectronics STOD14PUR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Maximum ratings
STOD14
6/22
Doc ID 023562 Rev 1
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VinA, VinIV,
VinBK
DC supply voltage
- 0.3 to 13.5
V
EN, SWIRE Enable pin, S-WIRE pin
- 0.3 to 4.6
V
ILx2
Inverting converter switching current
Internally limited
A
Lx2
Inverting converter switching node
- 6.5 to VINP +0.3
V
VO2
Inverting converter output voltage
- 6.0 to GND +0.3
V
VO1
Step-down converter output voltage
- 0.3 to 6
V
Lx1
Step-down converter switching node
- 0.3 to VINP +0.3
V
ILx1
Step-down converter switching current
Internally limited
A
VREF
Reference voltage
- 0.3 to 3
V
PD
Power dissipation
Internally limited
mW
TSTG
Storage temperature range
- 65 to 150
°C
TJ
Maximum junction temperature
150
°C
ESD
Human body model ESD protection
2
kV
Table 5.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient (1)
33
°C/W
RthJC
Thermal resistance junction-case (FR-4 PCB)
1.64
°C/W
1.
The package is mounted on a 4-layer (2S2P) JEDEC board as per JESD51-7 and JESD51-5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com