Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STOD32WJR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STOD32WJR
Description  100 mA triple DC-DC converter for powering AMOLED displays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD32WJR Datasheet(HTML) 2 Page - STMicroelectronics

  STOD32WJR Datasheet HTML 1Page - STMicroelectronics STOD32WJR Datasheet HTML 2Page - STMicroelectronics STOD32WJR Datasheet HTML 3Page - STMicroelectronics STOD32WJR Datasheet HTML 4Page - STMicroelectronics STOD32WJR Datasheet HTML 5Page - STMicroelectronics STOD32WJR Datasheet HTML 6Page - STMicroelectronics STOD32WJR Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Application schematic
STOD32W
2/7
DocID026451 Rev 1
1
Application schematic
Figure 1. Application schematic
Note:
All the above components refer to the typical application performance characteristics.
Operation of the device is not limited to the choice of these external components.
GIPG2805141200LM
GND
VO3
VO3
VO1
VO2
CO3
GND
GND
CO1
CO2
VO2
GND
GND
EN_VO3
ENO3
Swire
S_WIRE
10
CINA
STOD32W
1
2
1
2
1
2
GND
L1 4.7 µH
L2 4.7 µH
L3 10 µH
VINP
LX1 LX3
LX2
VINA
VO1
CINP
GND
VIN
Table 2. Typical external components
Reference
Manufacturer
Part Number
Value
Size
Ratings
L1, L2, L3
TOKO
1239AS-H-100N=P2
10 µH
2520 1.2T
1.0 A 0.460
Ω
CYNTEC
PITB20161T-100MDR
2016 1.0T
0.8 A 0.750
Ω
CINP, CINA, CO1,
CO2, CO3
SEMCO
CL10A226MP8NUN
CL05A106MP5NUN
22 µF
10 µF
1608
1005
X5R 10 V ±20%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com