Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DSL05 Datasheet(PDF) 1 Page - STMicroelectronics

Part # DSL05
Description  Secondary protection for VDSL2 and G.FAST lines
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSL05 Datasheet(HTML) 1 Page - STMicroelectronics

  DSL05 Datasheet HTML 1Page - STMicroelectronics DSL05 Datasheet HTML 2Page - STMicroelectronics DSL05 Datasheet HTML 3Page - STMicroelectronics DSL05 Datasheet HTML 4Page - STMicroelectronics DSL05 Datasheet HTML 5Page - STMicroelectronics DSL05 Datasheet HTML 6Page - STMicroelectronics DSL05 Datasheet HTML 7Page - STMicroelectronics DSL05 Datasheet HTML 8Page - STMicroelectronics DSL05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
October 2016
DocID029116 Rev 2
1/10
This is information on a product in full production.
www.st.com
DSL05
Secondary protection for VDSL2 and G.FAST lines
Datasheet - production data
Features
High surge capability to comply with GR-
1089 and ITU-T K20/21/45
Keeps peak power capability at high
temperature
Voltages: 8, 12 and 24 V
Low capacitance device: Ctyp = 0.95 pF
RoHS package
Low leakage current: 50 nA at 25 °C
Complies with the following standards
Refer to Figure 7 and Figure 8.
Telcordia GR-1089
2.5 kV 2/10 μs - 500 A 2/10 μs
AC power fault tests
ITU-T K20/21/45
6 kV 10/700 μs - 150 A 5/310 μs
power induction and contact tests
IEC 61000-4-2, level 4
15 kV (air discharge)
8 kV (contact discharge)
IEC 61000-4-5, level 2
1 kV, 42 Ω
MIL STD 883G-Method 3015-7: Class 3
8 kV (human body model)
Description
DSL05 is designed to protect DSL line drivers
against surges defined in worldwide
telecommunication standards. This device
protects line drivers of various systems such as
xDSL and G.FAST. The low capacitance makes it
suitable from ADSL to G.FAST data rates.
DSL05 is able to survive severe conditions even
when used with downgraded or oscillating gas
tube.
This device is packaged in a SOT23-6L.
Figure 1: Functional diagram
Table 1: Device summary
Order code
VRM(V)
DSL05-008SC6
8
DSL05-012SC6
12
DSL05-024SC6
24
SOT23-6L
NC
+V
LD
NC
I/O1
-V
LD
I/O2


Similar Part No. - DSL05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DSL01-008SC5 STMICROELECTRONICS-DSL01-008SC5 Datasheet
51Kb / 3P
Secondary protection for DSL lines
10-Apr-2008
DSL01-010SC5 STMICROELECTRONICS-DSL01-010SC5 Datasheet
51Kb / 3P
Secondary protection for DSL lines
10-Apr-2008
DSL01-016SC5 STMICROELECTRONICS-DSL01-016SC5 Datasheet
51Kb / 3P
Secondary protection for DSL lines
10-Apr-2008
DSL01-024SC5 STMICROELECTRONICS-DSL01-024SC5 Datasheet
51Kb / 3P
Secondary protection for DSL lines
10-Apr-2008
DSL01-XXXSC5 STMICROELECTRONICS-DSL01-XXXSC5 Datasheet
51Kb / 3P
Secondary protection for DSL lines
10-Apr-2008
More results

Similar Description - DSL05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DSL01-XXXSC5 STMICROELECTRONICS-DSL01-XXXSC5 Datasheet
51Kb / 3P
Secondary protection for DSL lines
10-Apr-2008
ETP01-162RL STMICROELECTRONICS-ETP01-162RL Datasheet
108Kb / 7P
Protection for Ethernet lines
04-Mar-2008
logo
Texas Instruments
TPD4S014_1110 TI1-TPD4S014_1110 Datasheet
2Mb / 17P
COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD PROTECTION FOR ALL LINES AND
OCTOBER2011
logo
STMicroelectronics
DDSL01 STMICROELECTRONICS-DDSL01 Datasheet
64Kb / 6P
Secondary protection for DSL lines
15-Apr-2010
logo
Neotec Semiconductor Lt...
NT1732A NEOTEC-NT1732A Datasheet
393Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V2.11
NT1732B NEOTEC-NT1732B Datasheet
395Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V1.02
NT1742 NEOTEC-NT1742 Datasheet
384Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V2.30
NT1793 NEOTEC-NT1793 Datasheet
251Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V1.93
logo
Semtech Corporation
TCLAMP0882S SEMTECH-TCLAMP0882S Datasheet
4Mb / 12P
Low Capacitance TransClamp® Surge Protection for DSL and G.Fast Interfaces
Rev 2.0 August 9, 2016
logo
Nexperia B.V. All right...
PESD48VV2BT NEXPERIA-PESD48VV2BT Datasheet
212Kb / 11P
ESD protection for 48V lines
2 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com