Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ECMF02-3F3 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ECMF02-3F3
Description  Common mode filter with ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-3F3 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ECMF02-3F3 Datasheet HTML 4Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 5Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 6Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 7Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 8Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 9Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 10Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 11Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package information
ECMF02-3F3
10/12
DocID023283 Rev 3
Figure 15. Footprint recommendations
Figure 16. Flip Chip tape and reel specification
Note:
More information is available in the application notes:
AN2348, “IPAD™ 400 µm Flip Chip: package description and recommendations for use”
AN1751, “EMI filters: recommendations and measurements”
220 µm recommended
220 µm recommended
260 µm maximum
Solder stencil opening:
Copper pad Diameter:
Solder mask opening:
300 µm minimum
Dot identifying Pin A1 location
User direction of unreeling
All dimensions are in mm
4.0 ± 0.1
4.0 ± 0.1
2.0 ± 0.05
Ø 1.50 ± 0.1
0.59 ± 0.05
0.93 ± 0.05
0.20 ± 0.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com