Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EMIF06-HSD04F3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF06-HSD04F3
Description  Very low PCB space consumption
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-HSD04F3 Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF06-HSD04F3 Datasheet HTML 1Page - STMicroelectronics EMIF06-HSD04F3 Datasheet HTML 2Page - STMicroelectronics EMIF06-HSD04F3 Datasheet HTML 3Page - STMicroelectronics EMIF06-HSD04F3 Datasheet HTML 4Page - STMicroelectronics EMIF06-HSD04F3 Datasheet HTML 5Page - STMicroelectronics EMIF06-HSD04F3 Datasheet HTML 6Page - STMicroelectronics EMIF06-HSD04F3 Datasheet HTML 7Page - STMicroelectronics EMIF06-HSD04F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
EMIF06-HSD04F3
2/8
DocID027072 Rev 1
1
Characteristics
Figure 2. EMIF06-HSD04F3 Schematic
Table 1. Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
ESD discharge IEC 61000-4-2, level 4
(on pins Vcc, SDclk, SDcmd, SDdat0, SDdat1, SDdat2, SDdat3
Air discharge
Contact discharge, external pins
ESD discharge IEC 61000-4-2, level 1
(on pins clk, dat0, dat1,dat2, dat3, cmd)
Air discharge
Contact discharge, internal pins
15
12
15
10
kV
Tj
Maximum junction temperature
125
°C
Top
Operating temperature range
- 40 to + 85
°C
Tstg
Storage temperature range
- 55 to + 150
°C
Table 2. Pin configuration
Pin
Signal
Pin
Signal
A1
dat0
C1
Cmd
A2
dat1
A3
SDdat1
C3
GND
A4
SDdat0
C4
SDcmd
B1
clk
D1
dat3
B2
Vcc
D2
dat2
B3
GND
D3
SDdat2
B4
SDclk
D4
SDdat3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com