Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VMS-60 Datasheet(PDF) 3 Page - CUI INC

Part # VMS-60
Description  AC-DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VMS-60 Datasheet(HTML) 3 Page - CUI INC

  VMS-60 Datasheet HTML 1Page - CUI INC VMS-60 Datasheet HTML 2Page - CUI INC VMS-60 Datasheet HTML 3Page - CUI INC VMS-60 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
date 07/22/2013
page 3 of 4
CUI Inc
│ SERIES: VMS-60 │ DESCRIPTION: AC-DC POWER SUPPLY
101.6 4.00
50.8 2.00
43.2 1.70
94.0 3.70
3.2 0.126
(4 PLCS)
3.8 0.15
3.8 0.15
CN2
CN1
3
2
1
LED
PHVI Series
Connector
4 Pin
3.96 spacing
Voltage
Adjustment
PVHI Series
Connector
3 Pin
CTR Pin removed
3.96 spacing
1
2
3
4
1.6 0.06
2.5 0.10
MAX
27.9 1.10
MAX
MECHANICAL DRAWING
units: mm[in]
tolerance: mm: X.X = ±0.5 ; X.XX = ±0.25
inch: X.XX ±0.02 ; X.XXX = ±0.010
CN2
1
+Vo
2
+Vo
3
-Vo
4
-Vo
CN1
1
AC Line
2
No pin
3
AC Neutral
100
80
60
40
20
Ambient Temperature (°C)
-20010203040506070
-30
(Natural Convection)
DERATING CURVES
output power vs. ambient temperature
Note:
1.Allspecificationsmeasuredat25°C,115/230Vacinputvoltage,and75%loadunlessotherwisenoted.
For more information, please visit the product page.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com