Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOF-20B-S24 Datasheet(PDF) 2 Page - CUI INC

Part # VOF-20B-S24
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-20B-S24 Datasheet(HTML) 2 Page - CUI INC

  VOF-20B-S24 Datasheet HTML 1Page - CUI INC VOF-20B-S24 Datasheet HTML 2Page - CUI INC VOF-20B-S24 Datasheet HTML 3Page - CUI INC VOF-20B-S24 Datasheet HTML 4Page - CUI INC VOF-20B-S24 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date 02/23/2017
│ page 2 of 5
CUI Inc
│ SERIES: VOF-20B │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
85
120
264
370
Vac
Vdc
frequency
47
63
Hz
current
0.5
A
inrush current
at240Vac,25°C,coldstart
70
A
leakagecurrent
0.25
mA
no load power consumption
0.10
W
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitiveload
5 Vdc output model
9 Vdc output model
12 Vdc output model
15 Vdc output model
24 Vdc output model
48 Vdc output model
3,500
2,100
1,600
1,300
850
420
μF
μF
μF
μF
μF
μF
initialsetpointaccuracy
atfullload,25°C
±2
%
lineregulation
highlinetolowlineatfullload
±0.5
%
loadregulation
10%~100%load
±1
%
hold-up time
at 115 Vac
12
ms
switchingfrequency
65
kHz
temperaturecoefficient
±0.05
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
overvoltageprotection
hiccup,autorecovery
overcurrentprotection
110
%
short circuit protection
hiccup,autorecovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolationvoltage
input to output
4,000
Vac
safetyapprovals
IEC62368-1/60950-1,EN62368-1/60950-1,UL62368-1/60950-1
safetyclass
class II
EMI/EMC
EN55032ClassB,FCCPart15ClassB,EN61000-
6-3, EN 61000-3-2, EN 61000-3-3, EN 55024,
EN 61204-3, EN 61000-6-1
MTBF
asperMIL-STD-217F,at115Vac,25°C,GB
300,000
hours
life time
at40°C,75%load
3
years
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operatingtemperature
seederatingcurve
-25
70
°C
storagetemperature
-40
85
°C
operatinghumidity
non-condensing
93
%
operatingaltitude
3000
m
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com