Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LCP22 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LCP22
Description  Protection IC for ringing SLICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP22 Datasheet(HTML) 2 Page - STMicroelectronics

  LCP22 Datasheet HTML 1Page - STMicroelectronics LCP22 Datasheet HTML 2Page - STMicroelectronics LCP22 Datasheet HTML 3Page - STMicroelectronics LCP22 Datasheet HTML 4Page - STMicroelectronics LCP22 Datasheet HTML 5Page - STMicroelectronics LCP22 Datasheet HTML 6Page - STMicroelectronics LCP22 Datasheet HTML 7Page - STMicroelectronics LCP22 Datasheet HTML 8Page - STMicroelectronics LCP22 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
LCP22
2/10
Doc ID025775 Rev 3
1
Characteristics
Table 1. Compliant with the following standards
Standard
Peak surge
voltage (V)
Voltage
waveform
Required
peak
current (A)
Current
waveform
Minimum
series resistor
Rs to meet
standard (
Ω )
GR-1089 Core First level
2500
1000
2/10 µs
10/1000 µs
500
100
2/10 µs
10/1000 µs
12
10
GR-1089 Core Second level
5000
2/10 µs
500
2/10 µs
24
GR-1089 Core Intra-building
1500
2/10 µs
100
2/10 µs
0
ITU-T-K20/K21
6000
4000
1500
10/700 µs
150
100
37.5
5/310 µs
35
10
0
ITU-T-K20 (IEC61000-4-2)
8000
15000
1/60 ns
ESD contact discharge
ESD air discharge
0
0
IEC61000-4-5
4000
4000
10/700 µs
1.2/50 µs
100
100
5/310 µs
8/20 µs
14
0
TIA-968-A (formerly FCC part 68) type A
1500
800
10/160 µs
10/560 µs
200
100
10/160 µs
10/560 µs
20
15
TIA-968-A (formerly FCC part 68) type B
1000
9/720 µs
25
5/320 µs
0
Table 2. Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
IPP
Peak pulse current
10/1000 µs
5/310 µs
2/10µs
50
80
150
A
ITSM
Non repetitive surge peak on-state current (F = 50 Hz)
ITSM value specified for each line
ITSM value can be applied on both lines at the same time
(GND capability is twice the line ITSM)
tp = 0.2 s
tp = 1 s
tp = 15 min.
11
7.5
3
A
VGn
VGp
Negative battery voltage range
Positive battery voltage range
-120 to 0
0 to +120
V
Tj
Operating junction temperature range
-55 to +125
°C
Tstg
Storage temperature range
-55 to +150
°C
TL
Lead solder temperature (10 s duration)
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com