Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LCP154DJF Datasheet(PDF) 3 Page - STMicroelectronics

Part # LCP154DJF
Description  Programmable transient voltage suppressor for SLIC protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP154DJF Datasheet(HTML) 3 Page - STMicroelectronics

  LCP154DJF Datasheet HTML 1Page - STMicroelectronics LCP154DJF Datasheet HTML 2Page - STMicroelectronics LCP154DJF Datasheet HTML 3Page - STMicroelectronics LCP154DJF Datasheet HTML 4Page - STMicroelectronics LCP154DJF Datasheet HTML 5Page - STMicroelectronics LCP154DJF Datasheet HTML 6Page - STMicroelectronics LCP154DJF Datasheet HTML 7Page - STMicroelectronics LCP154DJF Datasheet HTML 8Page - STMicroelectronics LCP154DJF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DocID028213 Rev 1
3/13
LCP154DJF
Characteristics
13
Figure 2. Electrical characteristics (definitions)
Table 2. Absolute ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
IPP
Peak pulse current(1)
1.
The rated current values may be applied either to the RING to GND or to the Tip to GND terminal pairs.
Additionally, both terminal pairs may have their rated current values applied simultaneously (in this case
the GND terminal current will be twice the rated current value of an individual terminal pair).
10/1000 µs
8/20 µs
10/560 µs
5/310 µs
10/160 µs
1/20 µs
2/10 µs
100
400
140
150
200
400
500
A
ITSM
Non repetitive surge peak on-state current
(50 Hz sinusoidal)(1)
t = 10 ms
t = 0.2 s
t = 1 s
t = 2 s
t = 15 min
t = 30 min
35
18
12
10
4
3
A
VGN
Negative battery voltage
-175
V
Tstg
Tj
Storage temperature range
Operating junction temperature range
-55 to +150
-55 to +150
°C
TL
Maximum lead temperature for soldering during 10 s.
260
°C
VR
IPP
IH
IR
VF
I
V
Symbol
Parameter
I
=
Gate triggering current
V
=
Peak forward voltage LINE / GND
V
=
Gate triggering voltage
V
=
Forward drop voltage LINE /GND
I
=
Reverse leakage current GATE / LINE
I
=
Holding current
V
=
Reverse voltage GATE / LINE
V
=
Dynamic switching voltage GATE / LINE
LINE / GND
C
=
Capacitance LINE /GND
GT
FP
GT
F
RG
H
RG
DGL
I
=
Peak pulse current
I
=
Breakdown current
V
=
Forward drop voltage
PP
R
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com