Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC1016 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1016
Description  80MA TINY CMOS LDO WITH SHUTDOWN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1016 Datasheet(HTML) 4 Page - Microchip Technology

  TC1016 Datasheet HTML 1Page - Microchip Technology TC1016 Datasheet HTML 2Page - Microchip Technology TC1016 Datasheet HTML 3Page - Microchip Technology TC1016 Datasheet HTML 4Page - Microchip Technology TC1016 Datasheet HTML 5Page - Microchip Technology TC1016 Datasheet HTML 6Page - Microchip Technology TC1016 Datasheet HTML 7Page - Microchip Technology TC1016 Datasheet HTML 8Page - Microchip Technology TC1016 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
%
'6$SDJH 
  0L.UR.KLS 7H.KQRORJ\ ,Q.

,QSXW &DSD.LWRU
/RZ LQSXW VRXU.H LPSHGDQ.HLV QH.HVVDU\ IRU WKH /'2
WR RSHUDWH SURSHUO\ :KHQ RSHUDWLQJ RII RI EDWWHULHV RU
LQ DSSOL.DWLRQV ZLWK ORQJ OHDG OHQJWK !  EHWZHHQ
WKH LQSXW VRXU.H DQG WKH /'2 VRPH LQSXW .DSD.LWDQ.H
LV UHTXLUHG $ PLQLPXP RI  —) LV UH.RPPHQGHG IRU
PRVW DSSOL.DWLRQV DQG WKH .DSD.LWRU VKRXOG EH SOD.HG
DV .ORVH WR WKH LQSXW RI WKH /'2 DV SUD.WL.DO /DUJHU
LQSXW .DSD.LWRUV ZLOO KHOS UHGX.H WKH LQSXW LPSHGDQ.H
DQG IXUWKHU UHGX.H DQ\ KLJK IUHTXHQ.\ QRLVH RQ WKH
LQSXW DQG RXWSXW RI WKH /'2

2XWSXW &DSD.LWRU
$PLQLPXP RXWSXW .DSD.LWDQ.HRI  —) IRU WKH 7&
LV UHTXLUHG IRU VWDELOLW\ 7KH HTXLYDOHQW VHULHV UHVLV
WDQ.H (65 UHTXLUHPHQWV RQ WKH RXWSXW .DSD.LWRU DUH
EHWZHHQ  DQG  RKPV 7KH RXWSXW .DSD.LWRU VKRXOG EH
OR.DWHG DV .ORVH WR WKH /'2 RXWSXW DV SUD.WL.DO
&HUDPL. PDWHULDOV ;5 DQG ;5 KDYH ORZ WHPSHUDWXUH
.RHIIL.LHQWV DQG DUH ZHOO ZLWKLQ WKH D..HSWDEOH (65
UDQJH UHTXLUHG $ W\SL.DO  —) ;5  .DSD.LWRU KDV
DQ(65RI PLOOLRKPV /DUJHU RXWSXW .DSD.LWRUV.DQ
EH XVHG ZLWK WKH 7& WR LPSURYH G\QDPL. EHKDYLRU
DQG LQSXW ULSSOHUHMH.WLRQSHUIRUPDQ.H
&HUDPL. DOXPLQXP HOH.WURO\WL. RU WDQWDOXP .DSD.LWRU
W\SHV .DQ EH XVHG 6LQ.H PDQ\ DOXPLQXP HOH.WURO\WL.
.DSD.LWRUV IUHH]H DW DSSUR[LPDWHO\ ±°& .HUDPL. RU
VROLG WDQWDOXPV DUH UH.RPPHQGHG IRU DSSOL.DWLRQV
RSHUDWLQJ EHORZ ±°& :KHQRSHUDWLQJIURP VRXU.HV
RWKHU WKDQ EDWWHULHV VXSSO\QRLVH UHMH.WLRQ DQG WUDQ
VLHQW UHVSRQVH .DQ EH LPSURYHG E\ LQ.UHDVLQJ WKH
YDOXH RI WKH LQSXW DQG RXWSXW .DSD.LWRUV DQG HPSOR\LQJ
SDVVLYH ILOWHULQJ WH.KQLTXHV

7XUQ 2Q 5HVSRQVH
7KH WXUQ RQ UHVSRQVH LV GHILQHG DV WZR VHSDUDWH
UHVSRQVH .DWHJRULHV :DNH8S 7LPH W:. DQG 6HWWOLQJ
7LPH W6 
7KH 7& KDV D IDVW :DNH8S 7LPH  —VH. W\SL
.DO ZKHQUHOHDVHGIURPVKXWGRZQ 6HH )LJXUH  IRU
WKH :DNH8S 7LPH GHVLJQDWHG DV W:. 7KH :DNH8S
7LPH LV GHILQHG DV WKH WLPH LW WDNHV IRU WKH RXWSXW WR ULVH
WR  RI WKH 9287 YDOXH DIWHU EHLQJ UHOHDVHG IURP VKXW
GRZQ
7KH WRWDO WXUQ RQ UHVSRQVH LV GHILQHG DV WKH 6HWWOLQJ
7LPH W6 VHH )LJXUH  6HWWOLQJ 7LPH LQ.OXVLYH ZLWK
W:. LV GHILQHG DV WKH .RQGLWLRQ ZKHQ WKH RXWSXW LV
ZLWKLQ  RI LWV IXOO\ HQDEOHG YDOXH  —VH. W\SL.DO
ZKHQ UHOHDVHG IURPVKXWGRZQ 7KH VHWWOLQJ WLPHRI WKH
RXWSXW YROWDJH LV GHSHQGHQW RQ ORDG .RQGLWLRQV DQG RXW
SXW .DSD.LWDQ.H RQ 9287 5&UHVSRQVH 
7KH WDEOH EHORZ GHPRQVWUDWHV WKH W\SL.DO WXUQ RQ
UHVSRQVH WLPLQJ IRU GLIIHUHQW LQSXW YROWDJH SRZHUXS
IUHTXHQ.LHV 9287 9 9,1 9 ,287  P$
DQG &287  —)
),*85(  :DNH8S7LPH IURP 6KXWGRZQ
)UHTXHQ.\
7\SL.DO W:.
7\SL.DO W6
 +]
 —VH.
 —VH.
 +]
 —VH.
 —VH.
 +]
 —VH.
 —VH.
 +]
 —VH.
 —VH.
 +]
 —VH.
 —VH.
9,+
W6
W:.
9287


9,/
6+'1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com