Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7478D Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7478D
Description  SINGLE CHIP RDS DEMODULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7478D Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7478D Datasheet HTML 1Page - STMicroelectronics TDA7478D Datasheet HTML 2Page - STMicroelectronics TDA7478D Datasheet HTML 3Page - STMicroelectronics TDA7478D Datasheet HTML 4Page - STMicroelectronics TDA7478D Datasheet HTML 5Page - STMicroelectronics TDA7478D Datasheet HTML 6Page - STMicroelectronics TDA7478D Datasheet HTML 7Page - STMicroelectronics TDA7478D Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
TDA7478
November 2004
1
FEATURES
■ VERY HIGH RDS DEMODULATION QUALITY
WITH IMPROVED DIGITAL SIGNAL
PROCESSING
■ HIGH PERFORMANCE, 57KHz BANDPASS
FILTER (8th ORDER)
■ FILTER ADJUSTMENT FREE AND WITHOUT
EXTERNAL COMPONENTS
■ PURELY DIGITAL RDS DEMODULATION
WITHOUT EXTERNAL COMPONENTS
■ RDS SIGNAL QUALITY OUTPUT
■ 4.332MHz CRYSTAL OSCILLATOR(8.664MHz
OPTIONAL)
■ LOW NOISE CMOS TECHNOLOGY
■ LOW RADIATION
2
DESCRIPTION
The TDA7478 recovers the additional inaudible RDS
information which is transmitted by FM radio broad-
casting stations and operates in accordance with the
EBU (European Broadcasting Union) specifications.
The device is made up of two sections: a cascaded
antialiasing + switched capacitors 8th bandpass filter
for precise RDS band selection and a demodulating
section that performs the extraction od RDS data
stream (RDDA) and clock (RDCL), to be further pro-
cessed by a suitable RDS decoder.
Output for RDS signal quality is also present.
SINGLE CHIP RDS DEMODULATOR
Figure 2. Block Diagram
2nd ORDER
ANTIALIASING
FILTER
8th ORDER
SC-BANDPASS
FILTER
MPX
4
270pF
-
+
8
FILOUT
12
VS
3
VREF
100nF
10
µF
OSCILLATOR &
DIVIDER
57KHz PLL
POLARITY
BIPHASE DEC.
INTEGRAL
BIPHASE DEC.
1187.5Hz
PLL
MUX
0
1
DIFF. DECODER
TEST LOGIC
QUAL DET.
6
GND
11
EXTRES
14
13
5
9
16
7
1
D03AU1490
TM
10
RDDA
2
QUAL
N.U.
RDCL
FSEL
OSEL
OSCOUT
OSCIN
4.332MHz
C2 47pF
C1 27pF
15
T57
Figure 1. Packages
Table 1. Order Codes
Part Number
Package
TDA7478D
SO16
E-TDA7478AD
TSSOP16
SO16
TSSOP16
Rev. 2


Similar Part No. - TDA7478D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7478 STMICROELECTRONICS-TDA7478 Datasheet
120Kb / 11P
Single chip RDS demodulator
23-Sep-2013
TDA7478 STMICROELECTRONICS-TDA7478_11 Datasheet
151Kb / 11P
Single chip RDS demodulator
30-Jun-2011
TDA7478 STMICROELECTRONICS-TDA7478_V01 Datasheet
120Kb / 11P
Single chip RDS demodulator
23-Sep-2013
More results

Similar Description - TDA7478D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7330B STMICROELECTRONICS-TDA7330B Datasheet
114Kb / 9P
SINGLE CHIP RDS DEMODULATOR FILTER
Nov-1999
TDA7331 STMICROELECTRONICS-TDA7331 Datasheet
56Kb / 7P
SINGLE CHIP RDS DEMODULATOR FILTER
Feb-1998
TDA7479 STMICROELECTRONICS-TDA7479 Datasheet
55Kb / 7P
SINGLE CHIP RDS DEMODULATOR FILTER
Feb-1998
logo
Sanyo Semicon Device
STK311-110 SANYO-STK311-110 Datasheet
149Kb / 5P
RDS Demodulator
STK311-120 SANYO-STK311-120 Datasheet
97Kb / 6P
RDS Demodulator
logo
STMicroelectronics
TDA7730B STMICROELECTRONICS-TDA7730B Datasheet
1Mb / 9P
SINGLE CHIP RDS DEMODULATOR FILTER
Nov-1999
TDA7479 STMICROELECTRONICS-TDA7479_04 Datasheet
176Kb / 8P
SINGLE CHIP RDS DEMODULATOR FILTER
Dec-2004
TDA7478 STMICROELECTRONICS-TDA7478_11 Datasheet
151Kb / 11P
Single chip RDS demodulator
30-Jun-2011
TDA7479 STMICROELECTRONICS-TDA7479_08 Datasheet
151Kb / 12P
Single chip RDS demodulator filter
04-Nov-2008
TDA7479DTR STMICROELECTRONICS-TDA7479DTR Datasheet
151Kb / 12P
Single chip RDS demodulator filter
04-Nov-2008
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com