Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAS9171AS-T Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS9171AS-T
Description  Parallel In, Parallel Out
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9171AS-T Datasheet(HTML) 6 Page - Micro Analog systems

  MAS9171AS-T Datasheet HTML 1Page - Micro Analog systems MAS9171AS-T Datasheet HTML 2Page - Micro Analog systems MAS9171AS-T Datasheet HTML 3Page - Micro Analog systems MAS9171AS-T Datasheet HTML 4Page - Micro Analog systems MAS9171AS-T Datasheet HTML 5Page - Micro Analog systems MAS9171AS-T Datasheet HTML 6Page - Micro Analog systems MAS9171AS-T Datasheet HTML 7Page - Micro Analog systems MAS9171AS-T Datasheet HTML 8Page - Micro Analog systems MAS9171AS-T Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
S
6
DA9171A.000
July 31, 1997
APPLICATION INFORMATION
•
INPUT PROTECTION USING MAS9171A
The MAS9171A is a eight channel protection circuit for microprocessors in automotive applications that may
be used in industrial applications as well. All inputs are protected against energy rich pulses according to
DIN40839/ISO7637. Internal analog filters and suitable input threshold voltages provide the functionality
within a noise spectrum of 150KHz up to 1GHz without need of external filter components. The MAS9171A
is optimized for low current consumption.
VIN1
VIN2
VIN3
VIN4
VIN5
VIN6
VIN7
VIN8
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
VOUT6
VOUT7
VOUT8
VDD
GND
Protect
F lter
COMP
Fig. 3: Block diagram of MAS9171A
Advantages of MAS9171A
- lower price when comparing Part+Board costs
- easy layout
- better reliability
- less test time
- universal to use, less development time
•
APPLICATION EXAMPLES
MAS9171
Voltage-
Regulator
+ Reset
Filter+
Protection
VBAT
PGND
Vdd
Vdd
MAS9171
Vdd
MAS9171
Vdd
Oil
Sensors
Switch
1
Gen-
erator
Batt.
Tacho
ABS
0-12V
uC
Instrument
Driver
EEPROM
Port1
Port2
Port3
Res
Lamp
Driver
Vbat
Vbat
Fig.4: Electronic Dashboard for Cars



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com