Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS2810 Datasheet(PDF) 3 Page - Sipex Corporation

Part # AS2810
Description  1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

AS2810 Datasheet(HTML) 3 Page - Sipex Corporation

  AS2810 Datasheet HTML 1Page - Sipex Corporation AS2810 Datasheet HTML 2Page - Sipex Corporation AS2810 Datasheet HTML 3Page - Sipex Corporation AS2810 Datasheet HTML 4Page - Sipex Corporation AS2810 Datasheet HTML 5Page - Sipex Corporation AS2810 Datasheet HTML 6Page - Sipex Corporation AS2810 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev. 10/2/00
AS2810
ELECTRICAL CHARACTERISTICS (Cont.)
Long Term Stability
TA=125ºC, 1000 Hrs.
0.3
(Note 2)
1
1
%
Thermal Regulation (
∆VOUT(Pwr))
TA=25ºC, 20 ms pulse
0.01
0.020
0.020
%/W
Temperature Stability (
∆VOUT(T))
0.25
%
Output Noise, RMS
10Hz to 10kHz
TA=25ºC
0.003
% Vo
3.0
3.0
TO-220
Junction to Tab
Junction to Ambient
60
60
3.0
3.0
DD Package
Junction to Tab
Junction to Ambient
60
60
15
15
Thermal Resistance
SOT-223 Package
Junction to Tab
Junction to Ambient
156
156
The Bold specifications apply to the full operating temperature range.
Note 1: Changes in output voltage due to heating effects are covered under the specification for thermal regulation.
Note 2: Fixed Version Only
Note 3: Adjustable Version Only
ºC/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com