Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC3403 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC3403
Description  1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC3403 Datasheet(HTML) 1 Page - Microchip Technology

  TC3403 Datasheet HTML 1Page - Microchip Technology TC3403 Datasheet HTML 2Page - Microchip Technology TC3403 Datasheet HTML 3Page - Microchip Technology TC3403 Datasheet HTML 4Page - Microchip Technology TC3403 Datasheet HTML 5Page - Microchip Technology TC3403 Datasheet HTML 6Page - Microchip Technology TC3403 Datasheet HTML 7Page - Microchip Technology TC3403 Datasheet HTML 8Page - Microchip Technology TC3403 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21412B-page 1
TC3403
Features
• 16-bit Resolution at Eight Conversions Per
Second, Adjustable Down to 10-bit Resolution at
512 Conversions Per Second
• 1.8V – 5.5V Operation, Low Power Operating
280
µA; Sleep: 93µA
• Four Single-ended Inputs with Built-in Multiplexer
• microPort™ Serial Bus Requires only two
Interface Lines
• Uses Internal or External Reference
• Automatically Enters Sleep Mode when not in use
•VDD Monitor and Reset Generator Operational in
Shutdown Mode
• Early Warning Power Fail Detector, also suitable as
Wake-Up Timer Operational in Shutdown Mode
Applications
• Consumer Electronics, Thermostats, CO
Monitors, Humidity Meters, Security Sensors
• Embedded Systems, Data Loggers,
Portable Equipment
• Medical Instruments
Device Selection Table
Package Type
General Description
The TC3403 is a low cost, low power analog-to-digital
converter based on Microchip’s Sigma-Delta technol-
ogy. It will perform 16-bit conversions (15-bit plus sign)
at up to eight per second. The TC3403 is optimized for
use as a microcontroller peripheral in low cost, battery
operated systems. A voltage reference is included, or
an external reference can be used. A VDD monitor with
a reset generator provides Power-on Reset and Brown-
out protection while an extra threshold detector is
suitable for use as an early warning Power Fail
detector, or as a Wake-up Timer.
The TC3403’s 2-wire microPort™ digital interface is
used for starting conversions and for reading out the
data. Driving the SCLK line low starts a conversion.
After the conversion starts, each additional falling edge
(up to six) detected on SCLK for t4 seconds reduces
the A/D resolution by one bit and cuts conversion time
in half. After a conversion is completed, clocking the
SCLK line puts the MSB through LSB of the resulting
data word onto the SDAT line, much like a shift register.
The part automatically sleeps when not performing a
data conversion.
TheTC3403isavailableina16-PinPDIPanda16-Pin
QSOP package.
Part
Number
Package
Temperature
Range
TC3403VPE
16-Pin PDIP (Narrow)
0
°Cto +85°C
TC3403VQR
16-Pin QSOP Narrow)
0
°Cto +85°C
16-Pin PDIP
16-Pin QSOP
1
16
215
314
413
512
611
710
IN4+
89
IN1+
IN2+
VTH
REFIN
GND
A0
V
DD
PFO
SDAT
REFOUT
IN3+
TC3403
SCLK
PFI
RESET
A1
+1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter
with a Power Fault Monitor and Microprocessor Reset Circuit


Similar Part No. - TC3403

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC3403VPE MICROCHIP-TC3403VPE Datasheet
308Kb / 16P
1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
2005
TC3403VQR MICROCHIP-TC3403VQR Datasheet
308Kb / 16P
1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
2005
TC3403 MICROCHIP-TC3403_05 Datasheet
308Kb / 16P
1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
2005
More results

Similar Description - TC3403

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7191 INTERSIL-HI7191 Datasheet
187Kb / 24P
24-Bit, High Precision, Sigma Delta A/D Converter
1998 03
logo
Microchip Technology
TC3400 MICROCHIP-TC3400 Datasheet
437Kb / 16P
1.8V, Low Power, 16-Bit Sigma-Delta A/D Converter
2002
TC3401 MICROCHIP-TC3401 Datasheet
458Kb / 16P
16-Bit Low Cost, Low Power Sigma-Delta A/D Converter
2002
TC3402 MICROCHIP-TC3402 Datasheet
444Kb / 16P
1.8 Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter
2002
TC3404 MICROCHIP-TC3404 Datasheet
451Kb / 16P
1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
2002
TC3405 MICROCHIP-TC3405 Datasheet
453Kb / 16P
16-Bit, Low Cost, Low Power Sigma-Delta A/D Converter
2002
TC3403 MICROCHIP-TC3403_05 Datasheet
308Kb / 16P
1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
2005
TC3404 MICROCHIP-TC3404_05 Datasheet
305Kb / 16P
1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
2005
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com