Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

12F508 Datasheet(PDF) 11 Page - Microchip Technology

Part # 12F508
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F508 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 12F508 Datasheet HTML 7Page - Microchip Technology 12F508 Datasheet HTML 8Page - Microchip Technology 12F508 Datasheet HTML 9Page - Microchip Technology 12F508 Datasheet HTML 10Page - Microchip Technology 12F508 Datasheet HTML 11Page - Microchip Technology 12F508 Datasheet HTML 12Page - Microchip Technology 12F508 Datasheet HTML 13Page - Microchip Technology 12F508 Datasheet HTML 14Page - Microchip Technology 12F508 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41236A-page 9
PIC12F508/509/16F505
3.0
ARCHITECTURAL OVERVIEW
The high performance of the PIC12F508/509/16F505
devices can be attributed to a number of architectural
features commonly found in RISC microprocessors.
To begin with, the PIC12F508/509/16F505 devices
use a Harvard architecture in which program and data
are accessed on separate buses. This improves
bandwidth over traditional von Neumann architec-
tures where program and data are fetched on the
same bus. Separating program and data memory fur-
ther allows instructions to be sized differently than the
8-bit wide data word. Instruction opcodes are 12 bits
wide, making it possible to have all single-word
instructions. A 12-bit wide program memory access
bus fetches a 12-bit instruction in a single cycle. A
two-stage pipeline overlaps fetch and execution of
instructions.
Consequently,
all
instructions
(33)
execute in a single cycle (200 ns @ 20 MHz, 1
µs @
4 MHz) except for program branches.
The Table below lists program memory (Flash) and
data memory (RAM) for the PIC12F508/509/16F505
devices.
TABLE 3-1:
PIC12F508/509/16F505
MEMORY
The PIC12F508/509/16F505 devices can directly or
indirectly address its register files and data memory. All
Special Function Registers (SFR), including the PC,
are mapped in the data memory. The PIC12F508/509/
16F505 devices have a highly orthogonal (symmetri-
cal) instruction set that makes it possible to carry out
any operation, on any register, using any addressing
mode. This symmetrical nature and lack of “special
optimal
situations”
make
programming
with
the
PIC12F508/509/16F505 devices simple, yet efficient.
In addition, the learning curve is reduced significantly.
The PIC12F508/509/16F505 devices contain an 8-bit
ALU and working register. The ALU is a general
purpose arithmetic unit. It performs arithmetic and
Boolean functions between data in the working register
and any register file.
The ALU is 8 bits wide and capable of addition, subtrac-
tion, shift and logical operations. Unless otherwise
mentioned, arithmetic operations are two’s comple-
ment in nature. In two-operand instructions, one
operand is typically the W (working) register. The other
operand is either a file register or an immediate
constant. In single operand instructions, the operand is
either the W register or a file register.
The W register is an 8-bit working register used for ALU
operations. It is not an addressable register.
Depending on the instruction executed, the ALU may
affect the values of the Carry (C), Digit Carry (DC) and
Zero (Z) bits in the Status register. The C and DC bits
operate as a borrow and digit borrow out bit, respec-
tively, in subtraction. See the SUBWF and ADDWF
instructions for examples.
A simplified block diagram is shown in Figure 3-2, with
the corresponding device pins described in Table 3-3.
Device
Memory
Program
Data
PIC12F508
512 x 12
25 x 8
PIC12F509
1024 x 12
41 x 8
PIC16F505
1024 x 12
72 x 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com