Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST72251 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST72251
Description  ST7 KEYPAD DECODING TECHNIQUES, IMPLEMENTING WAKE-UP ON KEYSTROKE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72251 Datasheet(HTML) 1 Page - STMicroelectronics

  ST72251 Datasheet HTML 1Page - STMicroelectronics ST72251 Datasheet HTML 2Page - STMicroelectronics ST72251 Datasheet HTML 3Page - STMicroelectronics ST72251 Datasheet HTML 4Page - STMicroelectronics ST72251 Datasheet HTML 5Page - STMicroelectronics ST72251 Datasheet HTML 6Page - STMicroelectronics ST72251 Datasheet HTML 7Page - STMicroelectronics ST72251 Datasheet HTML 8Page - STMicroelectronics ST72251 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AN980/1098
1/10
APPLICATION NOTE
ST7 KEYPAD DECODING TECHNIQUES, IMPLEMENTING
WAKE-UP ON KEYSTROKE
by Microcontroller Division Application Team
INTRODUCTION
The goal of this application note is to present an example of the use of the HALT mode.
In this application, the MCU (here a ST72251) is waked up by an external interrupt caused by
someone pressed a key on the 4x4 matrixed keypad.
1 ST7 / KEYBOARD INTERFACE
Rows are connected to inputs with pull-up and interrupts (Port C). Columns are connected to
Port A configured as output. The result of the interrupt (the value of the pressed key) is sent on
LEDS (Port B) and stored into the X register. In our configuration, we have to add 4 pull-up re-
sistors on Port A (from PA0 to PA3) to be able to apply a high level on the corresponding pads.
Figure 1. ST7 / keypad interface set-up
ST7
8x560
PC0
PC1
PC2
PC3
PA0
PA1
PA2
PA3
VDD
GND
4x100k


Similar Part No. - ST72251

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST722511R6T1 STMICROELECTRONICS-ST722511R6T1 Datasheet
1Mb / 164P
8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
Rev. 2.1
ST722511R6T1S STMICROELECTRONICS-ST722511R6T1S Datasheet
1Mb / 164P
8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
Rev. 2.1
ST722511R6T3 STMICROELECTRONICS-ST722511R6T3 Datasheet
1Mb / 164P
8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
Rev. 2.1
ST722511R6T3S STMICROELECTRONICS-ST722511R6T3S Datasheet
1Mb / 164P
8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
Rev. 2.1
ST722511R6T6 STMICROELECTRONICS-ST722511R6T6 Datasheet
1Mb / 164P
8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
Rev. 2.1
More results

Similar Description - ST72251

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3324 STMICROELECTRONICS-AN3324 Datasheet
254Kb / 37P
Implementing power-on self tests
25-Sep-2013
AN980 STMICROELECTRONICS-AN980 Datasheet
51Kb / 8P
ST7 KEYPAD DECODING TECHNIQUES
AN1711 STMICROELECTRONICS-AN1711 Datasheet
646Kb / 40P
SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
Rev. 1.0
AN3998 STMICROELECTRONICS-AN3998 Datasheet
96Kb / 10P
PDM audio software decoding on STM32 microcontrollers
27-Oct-2011
logo
Silicon Laboratories
EFM32G200 SILABS-EFM32G200 Datasheet
1Mb / 67P
Wake-up Interrupt Controller
EFM32G210 SILABS-EFM32G210 Datasheet
1Mb / 68P
Wake-up Interrupt Controller
EFM32G232 SILABS-EFM32G232 Datasheet
1Mb / 69P
Wake-up Interrupt Controller
EFM32G280 SILABS-EFM32G280 Datasheet
1Mb / 72P
Wake-up Interrupt Controller
EFM32G880 SILABS-EFM32G880 Datasheet
1Mb / 75P
Wake-up Interrupt Controller
logo
SparkFun Electronics
SEN-11447 SPARKFUN-SEN-11447 Datasheet
107Kb / 2P
SparkFun Wake on Shake
10/14/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com