Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC1275 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1275
Description  3-Pin Reset Monitors for 3.3V Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1275 Datasheet(HTML) 5 Page - Microchip Technology

  TC1275 Datasheet HTML 1Page - Microchip Technology TC1275 Datasheet HTML 2Page - Microchip Technology TC1275 Datasheet HTML 3Page - Microchip Technology TC1275 Datasheet HTML 4Page - Microchip Technology TC1275 Datasheet HTML 5Page - Microchip Technology TC1275 Datasheet HTML 6Page - Microchip Technology TC1275 Datasheet HTML 7Page - Microchip Technology TC1275 Datasheet HTML 8Page - Microchip Technology TC1275 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2002 Microchip Technology Inc.
DS21383B-page 5
TC1275/TC1276/TC1277
3.2
VCC Transient Rejection
The TC1275/TC1276/TC1277 provides accurate VCC
monitoring and reset timing during power-up, power-
down, and brownout/sag conditions, and rejects
negative-going transients (glitches) on the power
supply line. Figure 3-5 shows the maximum transient
duration vs. maximum negative excursion (overdrive)
for glitch rejection. Any combination of duration and
overdrive that lays under the curve will not generate a
reset signal. Combinations above the curve are
detected as a brownout or power-down. Transient
immunity can be improved by adding a capacitor in
close proximity to the VCC pin of the TC1275/TC1276/
TC1277.
3.3
RESET Signal Integrity During
Power-Down
The TC1275 RESET output is valid to VCC =1.2V.
Below this voltage the output becomes an "open
circuit" and does not sink current. This means CMOS
logic inputs to the
µP will be floating at an undeter-
mined voltage. Most digital systems are completely
shut down well above this voltage. However, in situa-
tions where RESET must be maintained valid to VCC =
0V, a pull-down resistor must be connected from
RESET to ground to discharge stray capacitances and
hold the output low (Figure 3-6). This resistor value,
though not critical, should be chosen such that it does
not appreciably load RESET under normal operation
(100k
Ω will be suitable for most applications). Similarly,
a pull-up resistor to VCC is required for the TC1277 to
ensure a valid high RESET for VCC below 1.8V.
FIGURE 3-5:
MAXIMUM TRANSIENT
DURATION VS.
OVERDRIVE FOR GLITCH
REJECTION AT 25°C
FIGURE 3-6:
ENSURING RESET VALID
TO VCC =0V
RESET COMPARATOR OVERDRIVE,
[V
CCTP - VCC] (mV)
500
300
200
400
100
0
1
10
100
1000
TA
°C
VTH
Duration
Overdrive
VCC
TC1275/6/7
TC1275
VCC
VCC
R1
100k
RESET
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com